Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC111 Datasheet(PDF) 9 Page - Espros Photonics corp

Part # EPC111
Description  Fully integrated standalone light barrier driver & receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC111 Datasheet(HTML) 9 Page - Espros Photonics corp

Back Button EPC111 Datasheet HTML 5Page - Espros Photonics corp EPC111 Datasheet HTML 6Page - Espros Photonics corp EPC111 Datasheet HTML 7Page - Espros Photonics corp EPC111 Datasheet HTML 8Page - Espros Photonics corp EPC111 Datasheet HTML 9Page - Espros Photonics corp EPC111 Datasheet HTML 10Page - Espros Photonics corp EPC111 Datasheet HTML 11Page - Espros Photonics corp EPC111 Datasheet HTML 12Page - Espros Photonics corp EPC111 Datasheet HTML 13Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
epc111/112
Applications
Long range light barrier application
Figure 10 shows the epc111 as an example in a long range light barrier application with minimal part count. The LED flashes according to the
description of the previous chapter. Light of the LED is passing either direct, reflected from a reflecting object or a retro reflector to the photo
diode PD. If the received light fulfills the criteria according to the description in the previous chapter, the output signals OUTN and OUTH are
set.
The epc111 device is designed to operate at 3.3V power supply (VDD and VDD33).
LED Driver:
The output LED of the epc111 to drive the LED driver circuit is a current source capable to drive typically 1mA. For a high performance long
range light barrier (>8m), an LED peak current of up to 1.5A is needed. To generate such a high LED current, an external driver circuit is
necessary. The circuitry in Figure 10 is a simple implementation of such a driver circuit. The darlington circuit with T2 and T3 and R2 and R3
does the job. In order to avoid interference on the supply voltage, the supply is isolated (filtered) with R1 and C1. The high peak LED pulse
current is delivered by the capacitor C1, which itself is charged by R1. Make sure, that there is no coupling of the high LED current to the
ground of the epc111 or to the cathode of the photo diode. This driver circuit operates with a VDD LED in a range of 10 to 30 VDC.
<Title>
<name>
File: Unbenannt
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
11.01.2011
Page 1
<xx>
OUTH
LED
OUTN
PD
VDD33
VDD
epc111
GND
VDD18
R3
1R2
C1
47μF
Low ESR
GND
+3.3V
VDD
LED
= +24V
OUTH
OUTN
PD
epc300
T2
BC846
R2
1k
R5
3k6
R4
10k
IR LED
TSML1000
R1
100R
C3 100nF
C2 1μF
C5 4.7nF
C4 100nF
R6
12k
R8
10k
R7
4k7
T1
BC846
T3
BCP56
Marked conductors must be short and low ohmic
C2
The epc111 device with its very sensitive input PD needs a well decoupled power supply
Figure 10: Long range light barrier application with minimal part count
Notice:
The schematic is for illustrating the basic circuit idea only. For the real built up the designer has to take all other additional influence factors in
consideration too e.g. design rules, power rating, heat dissipation, ...
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
9
Datasheet epc111_112 - V2.2
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com