Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC120 Datasheet(PDF) 2 Page - Espros Photonics corp

Part # EPC120
Description  Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC120 Datasheet(HTML) 2 Page - Espros Photonics corp

  EPC120 Datasheet HTML 1Page - Espros Photonics corp EPC120 Datasheet HTML 2Page - Espros Photonics corp EPC120 Datasheet HTML 3Page - Espros Photonics corp EPC120 Datasheet HTML 4Page - Espros Photonics corp EPC120 Datasheet HTML 5Page - Espros Photonics corp EPC120 Datasheet HTML 6Page - Espros Photonics corp EPC120 Datasheet HTML 7Page - Espros Photonics corp EPC120 Datasheet HTML 8Page - Espros Photonics corp EPC120 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
epc120
Absolute Maximum Ratings (Notes 1, 2)
Recommended Operating Conditions
Voltage to any pin except VDD
Supply Voltage on 2-wire bus VDD
Programming Voltage on 2-wire bus VDD
Input current at any pin except LED
Power consumption with maximum load
Storage Temperature Range (TS)
Lead Temperature solder, 4 sec. (TL)
-0.3V to VDD+0.3 V
-0.3V to +8.0V
-0.3V to +8.0V
-6mA to +6 mA
125mW
-55°C to +155°C
+260°C
Operating Voltage on 2-wire bus VDD
Programming Voltage on VDD
Operating Temperature (TO)
Relative Humidity (non-condensing)
Min.
4.5
7.0
-40°
+5
Max.
5.5
8.0
+85
+95
Units
V
V
°C
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended operating conditions
indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specific -
ations and test conditions, see Electrical Characteristics.
Note 2: This device is a highly sensitive CMOS ac current amplifier with an ESD rating of JEDEC HBM class 0 (<250V). Handling and
assembly of this device should only be done at ESD protected workstations.
Electrical Characteristics
VDD = 4.5V … 5.5V, -40°C < TA < +85°C, unless otherwise specified
General Data
Symbol
Parameter
Conditions/Comments
Values
Units
Min.
Typ.
Max.
VPP
Ripple on supply voltage,
peak to peak
2-wire interface Vdet
Input pulse IPD NST
50mV
48nA
150
mV
100mV
72nA
350
mV
200mV
108nA
600
mV
IDD_OP
Current consumption
in operation mode IPD = 0 mA
2
mA
Vdet
Detection level for 2-wire interface
configurable
50
200
mV
IMOD
Modulation current for 2-wire inter-
face
6.4
9.8
mA
fclk
Reference clock
Internal oscillator
1
MHz
dfclk
Temperature drift of the oscillator
640
ppm/K
VPUP
Power-up Threshold Voltage
The voltage at VDD33 when the device starts up
2.4
3
V
VIH
INPUT
Logical high (VN can be either VDD or VDD33)
0.7 *VN
VN
V
VIL
INPUT
Logical low (VN can be either VDD or VDD33)
GND
0.3 *VN
V
ILEAKD
Input leakage current
10
µA
VOH
Output high voltage
@ 4mA sink except pin SCK/LED
VDD- 0.5
V
VOL
Output low voltage
@ 4mA source
0.5
V
ISCK/LED
Source current
@ PIN SCK / LED
0.7
1.3
mA
VHist
Schmitt Trigger Hysteresis
0.1
V
RPU
Pull-Up Resistor
30
200
kΩ
IPDDC
DC Photo Diode Current
generated by ambient light with no effect to the
sensitivity
0.0
2
mA
CPD
Photodiode Capacitance
Photodiode Capacitance
40
pF
IN_Imin
Input related noise
@ IPDDC =0
15
nA RMS
IN_Imax
Input related noise
@ IPDDC =IPDDCMax
20
nA RMS
IPDN
Photo Current Sensitivity, normal
threshold
Parameter SENSN = 011 (60nA). TPulse = 6µs
Photodiode pulse to generate a status “pulse detected”
45
60
75
nA
IPDH
Photo Current Sensitivity, upper
threshold
Parameter SENSH = 011 (96nA). TPulse = 6µs
Photodiode pulse to generate a status “pulse detected”
1.4
1.6
1.8
IPDN
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
2
Datasheet epc12x - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com