Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA129 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA129
Description  Precision, Low Power INSTRUMENTATION AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA129 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA129 Datasheet HTML 7Page - Texas Instruments INA129 Datasheet HTML 8Page - Texas Instruments INA129 Datasheet HTML 9Page - Texas Instruments INA129 Datasheet HTML 10Page - Texas Instruments INA129 Datasheet HTML 11Page - Texas Instruments INA129 Datasheet HTML 12Page - Texas Instruments INA129 Datasheet HTML 13Page - Texas Instruments INA129 Datasheet HTML 14Page - Texas Instruments INA129 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
INA128
INA129
SBOS051B − OCTOBER 1995 − REVISED FEBRUARY 2005
www.ti.com
11
Operation at very low supply voltage requires careful
attention to assure that the input voltages remain within
their linear range. Voltage swing requirements of
internal nodes limit the input common-mode range with
low power supply voltage. Typical performance curves,
“Input Common-Mode Range vs Output Voltage” show
the range of linear operation for
±15V, ±5V, and ±2.5V
supplies.
300
Ω
+5V
R
G
INA128
V
O
Ref
2.5V −
∆V
2.5V +
∆V
Figure 4. Bridge Amplifier
INA128
R
G
V
O
OPA130
Ref
R
1
1M
Ω
=
1
2
πR
1C1
= 1.59Hz
V
IN
+
f−3dB
C1
0.1
µF
−
Figure 5. AC-Coupled Instrumentation Amplifier
REF102
R
2
R
1
Pt100
Cu
Cu
V+
K
6
10.0V
4
2
INA128
V
O
Ref
R
G
R3
100
Ω = Pt100 at 0°C
SEEBECK
ISA
COEFFICIENT
TYPE
MATERIAL
(
µV/5C)
R1, R2
E
+ Chromel
58.5
66.5k
Ω
− Constantan
J
+ Iron
50.2
76.8k
Ω
− Constantan
K
+ Chromel
39.4
97.6k
Ω
− Alumel
T
+ Copper
38.0
102k
Ω
− Constantan
Figure 6. Thermocouple Amplifier with RTD
Cold-Junction Compensation
INA128
R
G
I
B
R
1
V
IN
+
A
1
I
O
Load
Ref
I
O +
V
IN
R
1
@ G
−
A1
IB ERROR
OPA177
± 1.5nA
OPA131
± 50pA
OPA602
± 1pA
OPA128
± 75fA
Figure 7. Differential Voltage to Current Converter
INA128
R
G/2
R
G =5.6kΩ
V
O
LA
RL
RA
10k
Ω
Ref
G= 10
2.8k
Ω
V
G
V
G
2.8k
Ω
1/2
OPA2131
390k
Ω
390k
Ω
1/2
OPA2131
NOTE: Due to the INA128’s current-feedback
topology, VG is approximately 0.7V less than
the common-mode input voltage. This DC offset
in this guard potential is satisfactory for many
guarding applications.
Figure 8. ECG Amplifier with Right-Leg Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com