Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFS-145 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CFS-145
Description  TUNING FORK CRYSTAL UNITS (Cylinder Type)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CFS-145 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CFS-145 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://cfm.citizen.co.jp/english/product/pr02.html
13
TUNING FORK CRYSTAL UNITS (Cylinder Type)
CFS-206.CFS-145.CFV-206
DIMENSION [mm]
STANDARD SPECIFICATIONS
FEATURES
7Best suited for portable devices with low current
consumption.
7For a clock source in digital equipment.
Nominal Frequency
Frequency Tolerance
Load capacitance
Operating Temperature Range
Storage Temperature Range
Turnover Temperature
Temperature Coefficient
Motional (series) resistance
Level of drive
Aging (first year)
Quality Factor
Shunt capacitance
f0
f/f0
CL
TOPR
TSTR
TM
β
R1
DL
f/f0
Q
C0
Item
Model
CFS-206
CFS-145
CFV-206
Conditions
32.768kHz
30kHz∼100kHz
Need to contact us for
the available frequency in CFV-206
Depend on frequency
Depend on frequency
See figure 2 in P4
±30ppm
70000 Typ.
1.35pF Typ.
85000 Typ.
1.00pF Typ.
70000∼100000 Typ.
0.8∼1.7pF Typ.
at
25˚C
at
25˚C
25℃±3℃
Need to specify your requirement
±20ppm
20℃∼70℃
40℃∼85℃
25℃±5℃
0.034±0.006ppm/℃2
1μW Max.
±3ppm Max.
12.5pF
35KΩMax.
40KΩMax.
50KΩMax.
±5ppm Max.
8.0pF
12.5pF
6.0±0.2
10.0±0.2
4.3±0.3
5.0±0.1
Life-size
CFS-206, CFV-206
CFS-145


Similar Part No. - CFS-145

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CFS-145 CITIZEN-CFS-145 Datasheet
139Kb / 2P
Because of their excellent shock resistance
CFS-145 CITIZEN-CFS-145 Datasheet
389Kb / 2P
TUNING FORK CRYSTAL UNIT (Cylinder Type)
Rev.1
CFS-145 32.768DZBB CITIZEN-CFS-145 32.768DZBB Datasheet
389Kb / 2P
TUNING FORK CRYSTAL UNIT (Cylinder Type)
Rev.1
CFS-145 32.768DZFB CITIZEN-CFS-145 32.768DZFB Datasheet
389Kb / 2P
TUNING FORK CRYSTAL UNIT (Cylinder Type)
Rev.1
CFS-145 32.768DZVB CITIZEN-CFS-145 32.768DZVB Datasheet
389Kb / 2P
TUNING FORK CRYSTAL UNIT (Cylinder Type)
Rev.1
More results

Similar Description - CFS-145

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
R38 RALTRON-R38 Datasheet
33Kb / 1P
TUNING FORK CRYSTAL UNITS
logo
RSG Electronic Componen...
CM200S RSG-CM200S Datasheet
200Kb / 1P
TUNING FORK CRYSTAL UNITS
CMT200T RSG-CMT200T Datasheet
188Kb / 1P
TUNING FORK CRYSTAL UNITS
logo
CITIZEN ELECTRONICS CO....
CMR200T CITIZEN-CMR200T Datasheet
58Kb / 1P
TUNING FORK CRYSTAL UNITS (SMD ??Cylinder Type)
logo
Shenzhen Luguang Electr...
ZMR-206 LUGUANG-ZMR-206 Datasheet
153Kb / 2P
Tuning Fork Crystal Units
ZM-206 LUGUANG-ZM-206 Datasheet
360Kb / 2P
Tuning Fork Crystal Units
TDXLF-308 LUGUANG-TDXLF-308 Datasheet
346Kb / 5P
Tuning Fork Crystal Units
logo
CITIZEN ELECTRONICS CO....
CMR200T32.768KDZY-UT CITIZEN-CMR200T32.768KDZY-UT Datasheet
58Kb / 1P
TUNING FORK CRYSTAL UNITS
CM200S CITIZEN-CM200S Datasheet
798Kb / 1P
TUNING FORK CRYSTAL UNITS
logo
TAITIEN ELECTRONICS CO....
32.768KHZ TAITIEN-32.768KHZ Datasheet
470Kb / 2P
Tuning Fork Crystal Units
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com