Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2500 Datasheet(PDF) 4 Page - 3M Electronics

Part # 2500
Description  3M™ Four-Wall Header
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2500 Datasheet(HTML) 4 Page - 3M Electronics

  2500 Datasheet HTML 1Page - 3M Electronics 2500 Datasheet HTML 2Page - 3M Electronics 2500 Datasheet HTML 3Page - 3M Electronics 2500 Datasheet HTML 4Page - 3M Electronics 2500 Datasheet HTML 5Page - 3M Electronics 2500 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Four-Wall Header
2500 Series
TS-0770-K
Sheet 4 of 5
Notch D
Notch E
Notch B
See Table 1
Vacuum Cap
PIN 1
.194
[ 4.93 ]
.338
[ 8.59 ]
.250
[ 6.35 ]
.359
[ 9.12 ]
.359
[ 9.11 ]
.100
[ 2.54 ]
REF.
.100
[ 2.54 ]
REF.
.228
[ 5.79 ]
A
4.19
SEE TABLE 1 & NOTE 1
A
7.57
.165
.010
.298
NOTCH C
A
SEE TABLE 1 & NOTE 1
0.25
.390
9.91
POSITION 1
ORIENTATION TRIANGLE
NOTCH A
0.013
TYP
4.32
.243
6.43
.010
11.18
.0005
.010
.440
SECTION
10.16
A-A
6.17
0.10
0.62
THIS VIEW
.0245
REMOVED FOR CLARITY
.25
0.10
.400
.170
VACUUM CAP
.470
[11.94]
.270
[6.86]
.100 Typ
[2.54]
.050
[1.27]
.200
[5.08]
.070
[1.78]
P.C. Board Foot Print
Inch
(mm)
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
C
Table 1
Pin Qty
Dimensions
Polarizing
Notches
Tape and Reel
PKG Code
A
B
8
0.688 (17.48) 0.608 (15.44)
B
WD (44 mm)
10
0.788 (20.02) 0.708 (17.98)
BC
WD (44 mm)
14
0.988 (25.10) 0.908 (23.06)
BCDE
WD (44 mm)
16
1.088 (27.64) 1.008 (25.60)
ABCDE
WD (44 mm)
20
1.288 (32.72) 1.208 (30.68)
ABCDE
WE (56 mm)
24
1.488 (37.80) 1.408 (35.76)
ABCDE
WE (56 mm)
26
1.588 (40.34) 1.508 (38.30)
ABCDE
WE (56 mm)
30
1.788 (45.42) 1.708 (43.38)
ABCDE
WF (72 mm)
34
1.988 (50.50) 1.908 (48.46)
ABCDE
WF (72 mm)
40
2.288 (58.12) 2.208 (56.08)
ABCDE
WG (88 mm)
50
2.788 (70.82) 2.708 (68.78)
ABCDE
WG (88 mm)
60
3.288 (83.52) 3.208 (81.48)
ABCDE
WH (120 mm)
64
3.488 (88.60) 3.408 (86.56)
ABCDE
WH (120 mm)
Notes:
1. Notches A & C will accommodate 3M Polarizing Key N3518.
2. Vacuum cap will be centered on connectors.
3. Coplanarity .004 for less than 30 position, .006 for 30 and above.
Ordering Information
X25XX - 6V0C - XX-XX
Prefix:
N = High Temp Black (PCT) (RB Plating Req’d)
Pin Quantity:
(See Table)
Plating:
RB = 30 μ” [0.76 μm] Gold with 200 μ” [5.08 μm] Matte
Tin Solder Tails (RIA E1 & C1 apply)
Packaging Options:
WX = tape & reel packaging (see table 1)
.100”x.100”LowProfile,SurfaceMountStraight



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com