Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF987 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BF987
Description  SILICON N CHANNEL MOSFET TRIODE (For high-frequency stages up to 300 MHz, preferably in FM applications High overload capability)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF987 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BF987 Datasheet HTML 1Page - Siemens Semiconductor Group BF987 Datasheet HTML 2Page - Siemens Semiconductor Group BF987 Datasheet HTML 3Page - Siemens Semiconductor Group BF987 Datasheet HTML 4Page - Siemens Semiconductor Group BF987 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC Characteristics
AC Characteristics
V
Drain-source breakdown voltage
ID = 10
µA, – VGS = 4 V
V(BR) DS
20
–
–
nA
Gate-source leakage current
± VGS = 5 V, VDS = 0
± IGSS
––50
Gate-source breakdown voltage
± IGS = 10 mA, VDS = 0
± V(BR) GSS
6.5
–
12
V
Gate-source pinch-off voltage
VDS = 10 V, ID = 20
µA
– VGS (p)
–
–
2.5
mA
Drain current
VDS = 10 V, VGS = 0
IDSS
5–18
mS
Forward transconductance
VDS = 10 V, ID = 10 mA, f = 1 kHz
gfs
14
16
–
pF
Output capacitance
VDS = 10 V, ID = 10 mA, f = 1 MHz
Cdss
–1–
Noise figure (test circuit)
VDS = 10 V, ID = 10 mA , f = 200 MHz,
GG = 2 mS, GL = 0.5 mS
F
–1–
pF
Gate input capacitance
VDS = 10 V, ID = 10 mA, f = 1 MHz
Cgss
–
2.7
–
fF
Reverse transfer capacitance
VDS = 10 V, ID = 10 mA, f = 1 MHz
Cdg
–35
–
dB
Power gain (test circuit)
VDS = 10 V, ID = 10 mA , f = 200 MHz,
GG = 2 mS, GL = 0.5 mS
Gp
–25
–
BF 987



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com