Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30100CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR30100CT
Description  30.0AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR30100CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR30100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR30100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:G11
RATINGS AND CHARACTERISTIC CURVES (MBR3035CT THRU MBR30150CT)
FIG.1- FORWARD CURRENT DERATING CURVE
0
5
10
15
20
25
30
35
0
50
100
150
CASE TEMPERATURE (
oC)
RESISTIVE OR
INDUCTIVELOAD
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
JEDEC Method
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=125℃
TA=25℃
TA=75℃
MBR3035CT-MBR3045CT
MBR3050CT-MBR30150CT
FIG. 5- TYPICAL JUNCTION CAPACITANCE PER LEG
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
f=1.0MHz
Vsig=50mVp-p
MBR3035CT-MBR3045CT
MBR3050CT-MBR3060CT
MBR3090CT-MBR30150CT
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISRICS PER LEG
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FORWARD VOLTAGE (V)
MBR3035CT-MBR3045CT
MBR3050CT-MBR3060CT
MBR3090CT-MBR30100CT
MBR30150CT
FIG. 6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION. (sec)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com