Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # S5A
Description  5.0 AMPS. Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S5A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  S5A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S5A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:A12
RATINGS AND CHARACTERISTIC CURVES (S5A THRU S5M)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0.0
1.0
2.0
3.0
4.0
5.0
6.0
50
60
70
80
90 100 110 120 130 140 150 160
LEAD TEMPERATURE. (
oC)
RESISTIVE OR
INDUCTIVE LOAD
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
10
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
10
100
1
10
100
REVERSE VOLTAGE. (V)
TA=25℃
f=1.0MHz
Vsig=50mVp-p
FIG.5- TYPICAL FORWARD CHARACTERISRICS
0.01
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
FORWARD VOLTAGE (V)
TA=25℃
PULSE WIDTH-300us
1% DUTY CYCLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com