Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S4D
Description  4.0 AMPS. Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S4D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S4D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S4D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
For surface mounted application
Glass passivated junction chip.
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
S4X
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
S4A
S4B
S4D
S4G
S4J
S4K
S4M
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
Trr
uS
Cj
pF
TJ
OC
TSTG
OC
A
VF
1.15
V
IFSM
100
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Typical Reverse Recovery Time (Note 2)
IF(AV)
4
1.5
10
250
Features
Weight: 0.21 grams
Type Number
Polarity: Indicated by cathode band
Maximum Average Forward Rectified Current
@TL=75℃
OC/W
S4A - S4M
4.0 AMPS. Surface Mount Rectifiers
Marking Diagram
SMC/DO-214AB
13
47
Version:E11
Notes: 1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
3. Measured at 1 MHz and Applied V R=4.0 Volts
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
Typical Thermal Resistance
- 55 to + 150
Typical Junction Capacitance (Note 3)
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Maximum DC Reverse Current
@ T A=25 ℃
at Rated DC Blocking Voltage
@ T A=125 ℃
IR
Dimensions in inches and (millimeters)
Case: Molded plastic
A
uA
uA
RθJL
RθJA
High temperature soldering:
260℃/10 seconds at terminals
Packaging: 16mm tape per EIA STD RS-481
Green compound with suffix "G" on packing
code & prefix "G" on datecode.
60
Terminals: Pure tin plated, lead free.
Mechanical Data
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage (Note 1)
@ 4 A
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - S4D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4D TSC-S4D Datasheet
49Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
S4D TSC-S4D Datasheet
279Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
S4D TSC-S4D Datasheet
457Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S4D LUGUANG-S4D Datasheet
237Kb / 2P
4.0AMPS. Surface Mount Rectifiers
logo
Taiwan Memory Technolog...
S4D TMT-S4D Datasheet
359Kb / 4P
4A, 50V - 1000V Surface Mount Rectifiers
More results

Similar Description - S4D

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR405 JGD-MUR405 Datasheet
143Kb / 2P
4.0 AMPS. ULTRA FAST RECTIFIERS
S2A JGD-S2A Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S4A TSC-S4A Datasheet
49Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
S2AA TSC-S2AA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S4A TSC-S4A_1 Datasheet
279Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
S2A YANGJIE-S2A Datasheet
696Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
S3A YANGJIE-S3A Datasheet
703Kb / 2P
3.0 AMPS. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S4A TSC-S4A_10 Datasheet
457Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
S5A TSC-S5A_12 Datasheet
192Kb / 2P
5.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S2A LUGUANG-S2A Datasheet
212Kb / 2P
2.0 AMPS. Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com