Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF26G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF26G
Description  2.0AMPS. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF26G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF26G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF26G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
SF2XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SF
21G
SF
22G
SF
23G
SF
24G
SF
25G
SF
26G
SF
27G
SF
28G
Units
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
uA
uA
Trr
nS
Cj
pF
RθJA
RθJC
TJ
OC
TSTG
OC
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 2 A
VF
0.95
1.3
1.7
V
50
16
100
Maximum Reverse Recovery Time (Note 2)
35
Maximum DC Reverse Current at Rated
@ T A=25 ℃
DC Blocking Voltage
@ T A=125 ℃
IR
Typical Thermal Resistance
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Dimensions in inches and (millimeters)
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
- 65 to + 150
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Polarity: Color band denotes cathode
5
Maximum Average Forward Rectified Current
.375 (9.5mm) Lead Length @TA = 55℃
2
Version:D11
- 65 to + 150
Typical Junction Capacitance (Note 3)
40
20
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
IF(AV)
SF21G - SF28G
2.0AMPS. Glass Passivated Super Fast Rectifiers
Marking Diagram
DO-15
High temperature soldering guaranteed:
260℃/10 seconds/.375",(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.40 grams
Type Number
Maximum RMS Voltage
Maximum DC Blocking Voltage
IFSM
A
OC/W
65
Features
Maximum Recurrent Peak Reverse Voltage
Mounting position: Any
Mechanical Data
For use in low voltage, high frequency inventor,
Free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Lead: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SF26G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF26G JGD-SF26G Datasheet
162Kb / 2P
2.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF26G TSC-SF26G Datasheet
68Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF26G TSC-SF26G Datasheet
257Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF26G BILIN-SF26G Datasheet
111Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF26G MIC-SF26G Datasheet
55Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results

Similar Description - SF26G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
First Components Intern...
HERS201G FCI-HERS201G Datasheet
531Kb / 2P
2.0Amps Surface Mount Glass Passivated Ultra Fast Rectifiers
logo
Taiwan Semiconductor Co...
FR201G TSC-FR201G_13 Datasheet
424Kb / 4P
2.0AMPS Glass Passivated Fast Recovery Rectifiers
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
Glass Passivated Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
FR201G CHONGQING-FR201G_16 Datasheet
178Kb / 1P
2.0AMPS . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
UF201G CHONGQING-UF201G Datasheet
193Kb / 1P
2.0AMPS. GLASS PASSIVATED ULTRA FAST RECTIFIERS
RL201G CHONGQING-RL201G_16 Datasheet
178Kb / 1P
2.0AMPS .GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com