Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2007G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF2007G
Description  20.0AMPS. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF2007G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF2007G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF2007G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High efficiency, low VF
High current capavility
High reliability
High surge current capability
SF200XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SF
2001G
SF
2002G
SF
2003G
SF
2004G
SF
2005G
SF
2006G
SF
2007G
SF
2008G
Units
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
Trr
nS
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 10 A
VF
0.975
1.3
1.7
V
For use in low voltage, high frequency inventor,
free wheeling, and polarity protection
application
Maximum Average Forward Rectified Current
IF(AV)
20
Epoxy: UL 94V-0 rate flame retardant
High temperature soldering guaranteed:
260
oC/10 seconds 16".,(4.06mm) from case.
Cases: TO-220AB Molded plastic
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
35
5
400
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
Maximum Reverse Recovery Time (Note 2)
150
Version:E11
Typical Junction Capacitance (Note 3)
Dimensions in inches and (millimeters)
- 55 to + 150
Maximum DC Reverse Current
@ T A=25 ℃
at Rated DC Blocking Voltage
@ T A=125 ℃
IR
2.5
A
80
SF2001G- SF2008G
20.0AMPS. Glass Passivated Super Fast Rectifiers
Marking Diagram
TO-220AB
Low power loss.
Features
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A.
Operating Temperature Range
Polarity: As marked
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Green compound with suffix "G" on packing
code & prefix "G" on datecode.
Mechanical Data
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Weight: 1.90 grams
Typical Thermal Resistance
Type Number
Storage Temperature Range
- 55 to + 150
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
uA
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SF2007G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF2007G TSC-SF2007G Datasheet
342Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF2007G LUGUANG-SF2007G Datasheet
241Kb / 2P
20.0AMP. Glass Passivated Super Fast Rectifiers
logo
Gaomi Xinghe Electronic...
SF2007G GXELECTRONICS-SF2007G Datasheet
614Kb / 2P
20.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF2007G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SFF2001G TSC-SFF2001G_11 Datasheet
192Kb / 2P
20.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF2005GA TSC-SFF2005GA Datasheet
267Kb / 2P
Isolated 20.0Amps Glass Passivated Super Fast Rectifier
SFF2008GA TSC-SFF2008GA Datasheet
267Kb / 2P
Isolated 20.0Amps Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_11 Datasheet
197Kb / 2P
20.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SF2001G TSC-SF2001G_13 Datasheet
389Kb / 3P
20.0AMPS. Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_13 Datasheet
426Kb / 3P
20.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFF2001G TSC-SFF2001G_13 Datasheet
421Kb / 3P
20.0AMPS Isolated Glass Passivated Super Fast Rectifier
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com