Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS25 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS25
Description  2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS25 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS25 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS25 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:E11
RATINGS AND CHARACTERISTIC CURVES (SS22 THRU SS215)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0.0
0.5
1.0
1.5
2.0
2.5
50
60
70
80
90 100 110 120 130 140 150 160
LEAD TEMPERATURE .(
oC)
SS22-SS24
SS25-SS215
RESISTIVE OR
INDUCTIVE LOAD
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine
Wave JEDEC Method
AT RATED TL
FIG. 4- TYPICALREVERSE CHARACTERISTICS
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
TA=25℃
TA=75℃
TA=125℃
SS22-SS24
SS25-SS215
FIG. 5- TYPICAL JUNCTION CAPACITANCE
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
SS29-SS215
SS22-SS24
SS25-SS26
TA25℃
f=1.0MHz
Vsig=50mVp-p
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE. (V)
SS22-
SS25-SS26
SS215
SS29-SS210
PULSE WIDTH=300uS
1% DUTY CYCLE
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARCTERISTICS
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION. (sec)
TA=25
oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com