Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSD2150ACTB0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSD2150ACTB0
Description  Low Vcesat NPN Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD2150ACTB0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSD2150ACTB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD2150ACTB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD2150ACTB0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD2150ACTB0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD2150ACTB0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSD2150A
Low Vcesat NPN Transistor
1/5
Version: B11
SOT-89
TO-92
PRODUCT SUMMARY
BVCBO
80V
BVCEO
50V
IC
3A
VCE(SAT)
0.5V @ IC / IB = 2A / 200mA
Features
●
Low VCE(SAT) 0.1 @ IC / IB = 1A / 50mA (Typ.)
●
Complementary part with TSB1424A
Ordering Information
Part No.
Package
Packing
TSD2150ACY RM
SOT-89
1Kpcs / 7” Reel
TSD2150ACT B0
TO-92
1K / Bulk
TSD2150ACT A3
TO-92
2K / Ammo
Structure
●
Epitaxial Planar Type
●
NPN Silicon Transistor
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
DC
IC
3
A
Pulse
6 (note1)
Collector Power Dissipation
SOT-89
PD
0.6
W
TO-92
0.75
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw=10ms, Duty≤50%
2. When mounted on a 40 x 50 x 0.7mm ceramic board.
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = 50uA, IE = 0
BVCBO
80
--
--
V
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
BVCEO
50
--
--
V
Emitter-Base Breakdown Voltage
IE = 50uA, IC = 0
BVEBO
6
--
--
V
Collector Cutoff Current
VCB = 60V, IE = 0
ICBO
--
--
0.1
uA
Emitter Cutoff Current
VEB = 3V, IC = 0
IEBO
--
--
0.1
uA
Collector-Emitter Saturation Voltage
IC / IB = 1A / 50mA
VCE(SAT)
--
0.1
0.25
V
IC / IB = 2A / 200mA
VCE(SAT)
--
0.25
0.5
Base-Emitter Saturation Voltage
IC / IB = 2A / 200mA
VBE(SAT)
--
--
2
V
DC Current Transfer Ratio
VCE = 2V, IC = 100mA
hFE 1
180
--
--
VCE = 2V, IC = 500mA
hFE 2
200
--
400
VCE = 2V, IC = 1A
hFE 3
150
--
--
Transition Frequency
VCE =5V, IE=0.1A,
f=100MHz
fT
--
90
--
MHz
Output Capacitance
VCB = 10V, f=1MHz
Cob
--
45
--
pF
Note: Pulse test: pulse width ≤380uS, Duty cycle≤2%
Pin Definition:
1. Base
2. Collector
3. Emitter
Pin Definition:
1. Emitter
2. Collector
3. Base


Similar Part No. - TSD2150ACTB0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD2150ACY TSC-TSD2150ACY Datasheet
219Kb / 4P
Low Vcesat NPN Transistor
TSD2150ACYRM TSC-TSD2150ACYRM Datasheet
322Kb / 4P
Low Vcesat NPN Transistor
More results

Similar Description - TSD2150ACTB0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD1664 TSC-TSD1664_07 Datasheet
247Kb / 5P
Low Vcesat NPN Transistor
TSD882 TSC-TSD882_07 Datasheet
224Kb / 4P
Low Vcesat NPN Transistor
TSD882S TSC-TSD882S_07 Datasheet
249Kb / 5P
Low Vcesat NPN Transistor
TSD2118 TSC-TSD2118 Datasheet
216Kb / 4P
Low Vcesat NPN Transistor
TSD1760 TSC-TSD1760_1 Datasheet
236Kb / 4P
Low Vcesat NPN Transistor
TSD882 TSC-TSD882_11 Datasheet
100Kb / 4P
Low Vcesat NPN Transistor
TSD1664 TSC-TSD1664_08 Datasheet
207Kb / 4P
Low Vcesat NPN Transistor
TSD882_1112 TSC-TSD882_1112 Datasheet
624Kb / 6P
Low Vcesat NPN Transistor
TSD1857 TSC-TSD1857 Datasheet
267Kb / 5P
Low Vcesat NPN Transistor
TSD1858 TSC-TSD1858 Datasheet
352Kb / 4P
Low Vcesat NPN Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com