Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3003 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3003
Description  SP3003 Series 0.65pF Rail Clamp Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003 Datasheet(HTML) 4 Page - Littelfuse

  SP3003_11 Datasheet HTML 1Page - Littelfuse SP3003_11 Datasheet HTML 2Page - Littelfuse SP3003_11 Datasheet HTML 3Page - Littelfuse SP3003_11 Datasheet HTML 4Page - Littelfuse SP3003_11 Datasheet HTML 5Page - Littelfuse SP3003_11 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
98
TVS Diode Arrays (SPA™Family of Products)
Revision: April 14, 2011
SP3003 Series
Low Capacitance ESD Protection - SP3003 Series
Package Dimensions — SC70-6
D
A2 A
A1
C
L
E
HE
2
1
3
6
5
4
e
e
B
Package
SC70-6
Pins
6
JEDEC
MO-203 Issue A
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.000
0.004
A2
0.70
1.00
0.028
0.039
B
0.15
0.30
0.006
0.012
c
0.08
0.25
0.003
0.010
D
1.85
2.25
0.073
0.089
E
1.15
1.35
0.045
0.053
e
0.65 BSC
0.026 BSC
HE
2.00
2.40
0.079
0.094
L
0.26
0.46
0.010
0.018
Solder Pad Layout
Package Dimensions — SC70-5
D
A2 A
A1
C
L
E
HE
2
1
3
6
5
not used
4
e
e
B
Package
SC70-5
Pins
5
JEDEC
MO-203 Issue A
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.000
0.004
A2
0.70
1.00
0.028
0.039
B
0.15
0.30
0.006
0.012
c
0.08
0.25
0.003
0.010
D
1.85
2.25
0.073
0.089
E
1.15
1.35
0.045
0.053
e
0.65 BSC
0.026 BSC
HE
2.00
2.40
0.079
0.094
L
0.26
0.46
0.010
0.018
Solder Pad Layout
Package Dimensions — SOT553
Package
SOT 553
Pins
5
Millimeters
Inches
Min
Max
Min
Max
A
0.50
0.60
0.020
0.024
B
0.17
0.27
0.007
0.011
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.059
0.067
E
1.10
1.30
0.043
0.051
e
0.50 BSC
0.020 BSC
L
0.10
0.30
0.004
0.012
HE
1.50
1.70
0.059
0.067
c
HE
L
A
D
6
4
2
3
E
e
B
5
(not used)
Solder Pad Layout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com