Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6002 Datasheet(PDF) 3 Page - Littelfuse

Part # SP6002
Description  SP6002 Series 15pF 30kV EMI Filter Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP6002 Datasheet(HTML) 3 Page - Littelfuse

  SP6002 Datasheet HTML 1Page - Littelfuse SP6002 Datasheet HTML 2Page - Littelfuse SP6002 Datasheet HTML 3Page - Littelfuse SP6002 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
143
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPA™Family of Products)
Revision: June 27, 2011
SP6002 Series
ESD and EMI Filter Devices - SP6002 Series
Line Capacitance vs. DC Bias
0
10
20
30
40
50
60
DC Bias (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
-Temperature(T
L) (Liquidus)
217°C
-Temperature(t
L)
60 – 150 seconds
PeakTemperature(T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Product Characteristics
Lead Plating
Pre-Plated Frame
Lead Material
Copper Alloy
Lead Coplanarity
0.0004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to JEDEC SPEC MO-223 Issue A
5. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
6. Package surface matte finish VDI 11-13.
Ordering Information
Part Number
Package
Size
Marking
Min. Order Qty.
SP6002-04UTG-1
uDFN-08
1.7x1.35mm
KH4
3000
SP6002-06UTG-1
uDFN-12
2.5x1.35mm
KH6
3000
Part Numbering System
Part Marking System
SP 6002 0x U T G -1
Series
Package
UDFN-08 (1.7x1.35mm)
UDFN-12 (2.5x1.35mm)
T= Tape & Reel
G= Green
Number of Channels
04 = 4 Channel UDFN-08
06 = 6 Channel UDFN-12
–
Silicon Protection Array (SPATM)
Family of TVS Diode Arrays
KH4
KH6
J H x
Product Series
K = SP6002
Assembly Site
4 = UDFN-08
6 = UDFN-12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com