Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4115 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC4115
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC4115 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC4115 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SC4115 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRANSISTOR (NPN)
FEATURES
Low VCE(sat).VCE(sat) = 0.2V (Typ.)(IC / IB = 2A / 0.1A)
Excellent current gain characteristics.
Complements to 2SA1585
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
3
A
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 50μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA , IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=30V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μA
DC current gain
hFE
VCE=2V, IC= 0.1A
120
560
Collector-emitter saturation voltage*
VCEsat
IC= 2A, IB=0.1A
0.5
V
Transition frequency
fT
VCE=2V, IC=0.5 A
F=100MHz
200
290
MHz
*pulse test
CLASSIFICATION OF hFE
Rank
Q
R
S
Range
120-270
180-390
270-560
marking
4115Q
4115R
4115S
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
1 
www.htsemi.com
semiconductor
JinYu
2SC4115


Similar Part No. - 2SC4115

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4115 KEXIN-2SC4115 Datasheet
51Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SC4115 SECOS-2SC4115 Datasheet
76Kb / 1P
NPN Plastic Encapsulated Transistor
logo
GUANGDONG HOTTECH INDUS...
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC4115 BILIN-2SC4115 Datasheet
630Kb / 4P
NPN Epitaxial Planar Silicon Transistor
Rev.A
logo
Foshan Blue Rocket Elec...
2SC4115 FOSHAN-2SC4115 Datasheet
980Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
More results

Similar Description - 2SC4115

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com