Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP22 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BFP22
Description  NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP22 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BFP22 Datasheet HTML 1Page - Siemens Semiconductor Group BFP22 Datasheet HTML 2Page - Siemens Semiconductor Group BFP22 Datasheet HTML 3Page - Siemens Semiconductor Group BFP22 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter saturation voltage1)
IC = 20 mA, IB = 2 mA
BFP 22
BFP 25
VCEsat
–
–
–
–
0.4
0.5
Base-emitter saturation voltage1)
IC = 20 A, IB = 2 mA
VBEsat
–
–
0.9
MHz
Transition frequency
IC = 20 mA, VCE = 10 V, f = 20 MHz
fT
–70
–
AC characteristics
V
Collector-emitter breakdown voltage
IC = 1 mA
BFP 22
BFP 25
V(BR)CE0
200
300
–
–
–
–
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 100
µA
BFP 22
BFP 25
V(BR)CB0
200
300
–
–
–
–
Emitter-base breakdown voltage
IE = 100
µA
V(BR)EB0
6––
nA
Emitter-base cutoff current
VEB = 4 V
IEB0
–
–
100
nA
nA
µA
µA
Collector-base cutoff current
VCB = 160 V
BFP 22
VCB = 250 V
BFP 25
VCB = 160 V, TA = 150 ˚C
BFP 22
VCB = 250 V, TA = 150 ˚C
BFP 25
ICB0
–
–
–
–
–
–
–
–
100
100
20
20
–
DC current gain
IC = 1 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V1)
IC = 30 mA, VCE = 10 V1)
BFP 22
BFP 25
hFE
25
40
50
40
–
–
–
–
–
–
–
–
pF
Output capacitance
VCB = 30 V, f = 1 MHz
Cobo
–
1.5
–
1)
Pulse test conditions: t
≤ 300 µs, D ≤ 2%.
BFP 22
BFP 25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com