Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB101S Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # DB101S
Description  Surface Mount Bridge-Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

DB101S Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  DB101S Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd DB101S Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40
30
1.0
1.1
25
反向电压
50---1000V
正向电流
1.0 A
V
μA
pF
IR
Cj
最大正向电压
IF = 1.0A
最大反向电流
TA= 25℃
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55--- +150
V
V
V
A
A
℃
/W
℃
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Reverse Voltage 50 to 1000V
Forward Current
1.0 A
Operating junction and storage temperature range
Tj, TSTG
大昌电子
DACHANG ELECTRONICS
RθJA
TC =100℃
典型结电容
VR = 4.0V, f = 1MHz
DB101S
50
50
35
10
500
TA = 125℃
DB101S ...... DB107S
SIYU R
DB102S DB103S DB104S DB105S DB106S DB107S
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
Unit:inch(mm)
DBS
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·高温焊接保证High tempererature soldering guaranteed:
260℃/10 秒 260℃/10 seconds
·高电流浪涌承受能力
High surge current Capability
·引线和管体皆符合RoHS标准。
Lead and body according with RoHS standard
DB101S DB102S DB103S DB104S DB105S DB106S DB107S
Surface Mount Bridge-Rectifier
表面安装桥式整流器


Similar Part No. - DB101S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101S RECTRON-DB101S Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB101S BYTES-DB101S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dc Components
DB101S DCCOM-DB101S Datasheet
424Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB101S FORMOSA-DB101S Datasheet
68Kb / 2P
Glass passivated type
logo
List of Unclassifed Man...
DB101S ETC-DB101S Datasheet
61Kb / 2P
Single Phase 1.0 A Glass Passivated Bridge Rectifiers
More results

Similar Description - DB101S

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
DB101 DACHANG-DB101 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
DB151S DACHANG-DB151S Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU6A DACHANG-GBU6A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
GBU8A DACHANG-GBU8A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A
RS1A DACHANG-RS1A Datasheet
119Kb / 2P
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Gaomi Xinghe Electronic...
M1 GXELECTRONICS-M1 Datasheet
469Kb / 2P
Surface Mount General Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
AiT Semiconductor Inc.
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com