Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP405 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BFP405
Description  NPN Silicon RF Transistor (For low current applications For oscillators up to 12 GHz)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP405 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BFP405 Datasheet HTML 1Page - Siemens Semiconductor Group BFP405 Datasheet HTML 2Page - Siemens Semiconductor Group BFP405 Datasheet HTML 3Page - Siemens Semiconductor Group BFP405 Datasheet HTML 4Page - Siemens Semiconductor Group BFP405 Datasheet HTML 5Page - Siemens Semiconductor Group BFP405 Datasheet HTML 6Page - Siemens Semiconductor Group BFP405 Datasheet HTML 7Page - Siemens Semiconductor Group BFP405 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BFP 405
Semiconductor Group
Sep-09-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
5
6.5
4.5
V(BR)CEO
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V
-
150
-
Collector-base cutoff current
VCB = 5 V, IE = 0
ICBO
nA
-
15
µA
-
Emitter-base cutoff current
VEB = 1.5 V, IC = 0
IEBO
90
DC current gain
IC = 5 mA, VCE = 4 V
hFE
150
-
50
AC characteristics
Transition frequency
IC = 10 mA, VCE = 3 V, f = 2 GHz
fT
20
25
-
GHz
Collector-base capacitance
VCB = 2 V, f = 1 MHz
Ccb
-
0.05
0.08
pF
Collector-emitter capacitance
VCE = 2 V, f = 1 MHz
Cce
-
0.28
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
0.29
-
Noise figure
IC = 2 mA, VCE = 2 V, ZS = ZSopt ,
f = 900 MHz
F
-
1.15
1.4
dB
Power gain 1)
IC = 5 mA, VCE = 2 V, ZS = ZSopt , ZL = ZLopt ,
f = 1.8 GHz
Gms
-
22
-
Insertion power gain
IC = 5 mA, VCE = 2 V, f = 1.8 GHz,
ZS = ZL = 50Ω
|
S21|2
14
17
-
dB
Third order intersept point
IC = 5 mA, VCE = 2 V, ZS=ZSopt , ZL=ZLopt ,
f = 1.8 GHz
IP3
-
15
-
dBm
1dB Compression point
IC = 5 mA, VCE = 2 V, f = 1.8 GHz,
ZS=ZSopt , ZL=ZLopt
P-1dB
-
5
-
1)
Gms = |S21 / S12|
Semiconductor Group
2
1998-11-01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com