Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1540 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # MBRF1540
Description  Schottky Barrier Rectifier Reverse Voltage 40 to 100 V Forward Current 15 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MBRF1540 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  MBRF1540 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MBRF1540 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
MBRF1040 ...... MBRF10200
15
12
9
6
50
0
0
3
150
100
TJ=25°C
100
10
1.0
0.1
0
0.4
0.8
1.2
1.6
0
30
60
90
120
150
180
1
10
100
大昌电子
DACHANG ELECTRONICS
管体温度 Tc(
°C)
Tc, case temperature (°C)
MBRF1540 - MBRF1545
MBRF1550 - MBRF1560
MBRF15100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com