Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT807CTPYPI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 74FCT807CTPYPI
Description  FAST CMOS 1-TO-10 CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT807CTPYPI Datasheet(HTML) 7 Page - Integrated Device Technology

  74FCT807CTPYPI Datasheet HTML 1Page - Integrated Device Technology 74FCT807CTPYPI Datasheet HTML 2Page - Integrated Device Technology 74FCT807CTPYPI Datasheet HTML 3Page - Integrated Device Technology 74FCT807CTPYPI Datasheet HTML 4Page - Integrated Device Technology 74FCT807CTPYPI Datasheet HTML 5Page - Integrated Device Technology 74FCT807CTPYPI Datasheet HTML 6Page - Integrated Device Technology 74FCT807CTPYPI Datasheet HTML 7Page - Integrated Device Technology 74FCT807CTPYPI Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
tPLH1
OUTPUT 1
OUTPUT 2
tSK(o)
tPLH2
3V
0V
VOH
1.5V
1.5V
VOL
VOH
1.5V
VOL
INPUT
tPHL1
tPHL2
tSK(o)
3V
0V
VOH
tPLH
tPHL
VOL
1.5V
1.5V
tR
tF
2.0V
0.8V
INPUT
tPLH1
PACKAGE 1 OUTPUT
PACKAGE 2 OUTPUT
tSK(t)
tPLH2
3V
0V
VOH
1.5V
1.5V
VOL
VOH
1.5V
VOL
tPHL1
tPHL2
tSK(t)
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
0.3V
0.3V
t PLZ
t PZL
t PZH
t PHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
tSK(o) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
tPLH
tPHL
3V
0V
VOH
1.5V
1.5V
VOL
tSK(p) = |tPHL -
tPLH|
tSK(t) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
INPUT
OUTPUT
INPUT
OUTPUT
VOL
VOH
TEST WAVEFORMS
Package Delay
Pulse Skew - tSK(P)
Enable and Disable Times
Output Skew - tSK(O)
Part-to-Part Skew - tSK(T)
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH
2. Pulse Generator for All Pulses: Rate
≤1.0MHz; tF ≤2.5ns; tR ≤2.5ns
NOTE:
1. Package 1 and Package 2 are same device type and speed grade.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com