Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z2V2 Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MM5Z2V2
Description  SILICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MM5Z2V2 Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MM5Z2V2 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM5Z2V2 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM5Z2V2 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM5Z2V2 Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type
Marking
Code
Zener Voltage
1)
Zener Impedance
Leakage Current
VZT (V)
at lZT
ZZT
ZZK
at IZK
IR
at VR
Min.
Nom.
Max.
mA
Ω
Ω
mA
µA
V
MM5Z2V0
RD
1.8
2.0
2.15
5
100
-
-
120
0.5
MM5Z2V2
RE
2.08
2.2
2.33
5
100
-
-
120
0.7
MM5Z2V4
Z7
2.2
2.4
2.6
5
100
1000
1
120
1
MM5Z2V7
A8
2.5
2.7
2.9
5
100
1000
1
120
1
MM5Z3V0
B8
2.8
3.0
3.2
5
100
1000
1
50
1
MM5Z3V3
C8
3.1
3.3
3.5
5
95
1000
1
20
1
MM5Z3V6
D8
3.4
3.6
3.8
5
90
1000
1
10
1
MM5Z3V9
E8
3.7
3.9
4.1
5
90
1000
1
5
1
MM5Z4V3
F8
4
4.3
4.6
5
90
1000
1
5
1
MM5Z4V7
G8
4.4
4.7
5
5
80
800
1
2
1
MM5Z5V1
H8
4.8
5.1
5.4
5
60
500
1
2
1.5
MM5Z5V6
I8
5.2
5.6
6
5
40
200
1
1
2.5
MM5Z6V2
J8
5.8
6.2
6.6
5
10
100
1
1
3
MM5Z6V8
K8
6.4
6.8
7.2
5
15
160
1
0.5
3.5
MM5Z7V5
L8
7
7.5
7.9
5
15
160
1
0.5
4
MM5Z8V2
M8
7.7
8.2
8.7
5
15
160
1
0.5
5
MM5Z9V1
N8
8.5
9.1
9.6
5
15
160
1
0.5
6
MM5Z10
O8
9.4
10
10.6
5
20
160
1
0.1
7
MM5Z11
P8
10.4
11
11.6
5
20
160
1
0.1
8
MM5Z12
Q8
11.4
12
12.7
5
25
80
1
0.1
9
MM5Z13
R8
12.4
13
14.1
5
30
80
1
0.1
10
MM5Z15
S8
14.3
15
15.8
5
30
80
1
0.1
11
MM5Z16
T8
15.3
16
17.1
2
40
80
1
0.1
12
MM5Z18
U8
16.8
18
19.1
2
45
80
1
0.1
13
MM5Z20
V8
18.8
20
21.2
2
55
100
1
0.1
15
MM5Z22
W8
20.8
22
23.3
2
55
100
1
0.1
17
MM5Z24
X8
22.8
24
25.6
2
70
120
1
0.1
19
MM5Z27
Y8
25.1
27
28.9
2
80
300
1
0.1
21
MM5Z30
Z8
28
30
32
2
80
300
1
0.1
23
MM5Z33
A9
31
33
35
2
80
300
1
0.1
25
MM5Z36
B9
34
36
38
2
90
500
1
0.1
27
MM5Z39
C9
37
39
41
2
130
500
1
2
30
MM5Z43
D9
40
43
46
1
150
500
1
2
33
MM5Z47
E9
44
47
50
1
170
500
1
2
36
MM5Z51
F9
48
51
54
1
180
500
1
1
39
MM5Z56
G9
52
56
60
1
200
500
1
1
43
MM5Z62
H9
58
62
66
1
215
500
1
0.2
47
MM5Z68
I9
64
68
72
1
240
500
1
0.2
52
MM5Z75
J9
70
75
79
1
255
500
1
0.2
57
1) Tested with pulses tp = 20 ms.
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu
MM5Z2V0~MM5Z75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com