Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL411B Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9DBL411B
Description  Four Output Low Power Differential Fanout Buffer for PCI Express Gen1, Gen2, and QPI
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBL411B Datasheet(HTML) 5 Page - Integrated Device Technology

  9DBL411B Datasheet HTML 1Page - Integrated Device Technology 9DBL411B Datasheet HTML 2Page - Integrated Device Technology 9DBL411B Datasheet HTML 3Page - Integrated Device Technology 9DBL411B Datasheet HTML 4Page - Integrated Device Technology 9DBL411B Datasheet HTML 5Page - Integrated Device Technology 9DBL411B Datasheet HTML 6Page - Integrated Device Technology 9DBL411B Datasheet HTML 7Page - Integrated Device Technology 9DBL411B Datasheet HTML 8Page - Integrated Device Technology 9DBL411B Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IDT® Four Output Low Power Differential Buffer for PCI Express for Gen1, Gen2, and QPI
1645C—10/18/10
Advance Information
9DBL411B
Four Output Low Power Differential Buffer for PCI Express Gen1, Gen2, and QPI
5
Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Maximum Supply Voltage
VDDA
Core Supply Voltage
4.6
V
1,7
Maximum Supply Voltage
VDD_IO
Low-Voltage Differential I/O Supply
0.99
3.8
V
1,7
Maximum Input Voltage
V
IH
3.3V LVCMOS Inputs
4.6
V
1,7,8
Minimum Input Voltage
V
IL
Any Input
Vss - 0.5
V
1,7
TambCOM
Commercial Range
0
70
°C
1
TambIND
Industrial Range
-40
85
°C
1
Storage Temperature
Ts
-
-65
150
°C1,7
Input ESD protection
ESD prot
Human Body Model
2000
V
1,7
Ambient Operating Temp
Electrical Characteristics - Input/Supply/Common Output Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Supply Voltage
VDDxxx
Supply Voltage
3.000
3.600
V
1
Supply Voltage
VDDxxx_IO
Low-Voltage Differential I/O Supply
0.99
3.600
V
1
Input High Voltage
V
IHSE
Single-ended inputs
2
V
DD + 0.3
V
1
Input Low Voltage
V
ILSE
Single-ended inputs
V
SS - 0.3
0.8
V
1
Differential Input High Voltage
V
IHDIF
Differential inputs
(single-ended measurement)
600
1.15
V
1
Differential Input Low Voltage
V
ILDIF
Differential inputs
(single-ended measurement)
V
SS - 0.3
300
V
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
0.4
8
V/ns
2
Input Leakage Current
I
IN
V
IN = VDD , VIN = GND
-5
5
uA
1
I
DD_3.3V
VDDA supply current
20
mA
1
I
DD_IO_133M
VDD_IO supply @ fOP = 133MHz
20
mA
1
I
DD_SB_3.3V
VDDA supply current, Input
stopped, OE# pins all high
750
uA
1
I
DD_SBIO
VDD_IO supply, Input stopped,
OE# pins all high
150
uA
1
Input Frequency
F
i
V
DD = 3.3 V
15
150
MHz
2
Pin Inductance
L
pin
7nH
1
C
IN
Logic Inputs
1.5
5
pF
1
C
OUT
Output pin capacitance
6
pF
1
OE# latency
(at least one OE# is low)
T
OE#LAT
Number of clocks to enable or
disable output from
assertion/deassertion of OE#
13
periods
1
Clock stabilization time (from all
OE# high to first OE# low).
T
STAB
Delay from assertion of first OE#
to first clock out (assumes input
clock running)
150
ns
1
Tdrive_OE#
T
DROE#
Output enable after
OE# de-assertion
10
ns
1
Tfall_OE#
T
FALL
5ns
1
Trise_OE#
T
RISE
5ns
1
Operating Supply Current
Power Down Current
(All OE# pins High)
Fall/rise time of OE# inputs
Input Capacitance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com