Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9E4101 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS9E4101
Description  Programmable Timing Control HubTM for Intel Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9E4101 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS9E4101 Datasheet HTML 3Page - Integrated Device Technology ICS9E4101 Datasheet HTML 4Page - Integrated Device Technology ICS9E4101 Datasheet HTML 5Page - Integrated Device Technology ICS9E4101 Datasheet HTML 6Page - Integrated Device Technology ICS9E4101 Datasheet HTML 7Page - Integrated Device Technology ICS9E4101 Datasheet HTML 8Page - Integrated Device Technology ICS9E4101 Datasheet HTML 9Page - Integrated Device Technology ICS9E4101 Datasheet HTML 10Page - Integrated Device Technology ICS9E4101 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IDTTM
Programmable Timing Control HubTM for Intel Systems
1408A—01/25/10
ICS9E4101
Programmable Timing Control HubTM for Intel Systems
7
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SRC Stop Drive Mode
Drive Mode in
PCI_Stop
RW
Driven
Hi-Z
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
SRC PD Drive Mode
Drive Mode in PD
RW
Driven
Hi-Z
0
Bit 2
CPUCLK_ITP
Drive Mode in PD
RW
Driven
Hi-Z
0
Bit 1
CPUCLK1
Drive mode in PD
RW
Driven
Hi-Z
0
Bit 0
CPUCLK0
Drive mode in PD
RW
Driven
Hi-Z
0
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Test Mode Selection
Test Mode
Selection
RW
Hi-Z
REF/N
0
Bit 6
Test Clock Mode Entry
Test Mode
RW
Disable
Enable
0
Bit 5
0
Bit 4
REFOUT Strength
Strength Prog
RW
1X
2X
1
Bit 3
PCI/SRC_STOP
Stop all PCI and
SRC clocks
RW
Enabled, all
stoppable PCI
and SRC
clocks are
stopped.
Disabled, all
stoppable PCI
and SRC clocks
are running
1
Bit 2
FS_C
readback
R
-
-
LATCHED
Bit 1
FS_B
readback
R
-
-
LATCHED
Bit 0
FS_A
readback
R
-
-
LATCHED
I
2C Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
0
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
I
2C Table: Byte Count Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
1
Bit 2
BC2
RW
-
-
0
Bit 1
BC1
RW
-
-
0
Bit 0
BC0
RW
-
-
0
-
-
Byte 5
Byte 6
19,20,22,23,
24,25,26,27,30,31,
32,33,35,36
RESERVED
RESERVED
17,18,19,20,22,23,
24,25,26,27,30,31,
32,33,35,36
54,55,56,3,4,5,8,9,
10
19,20,22,23,
24,25,26,27,30,31,
32,33,35,36
35,36
REVISION ID
RESERVED
-
-
40,41
43,44
52
-
-
-
-
-
RESERVED
-
VENDOR ID
-
-
-
Byte 7
-
Byte 8
-
-
-
-
Writing to this
register will
configure how
many bytes will be
read back, default
is 08 = 8 bytes.
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com