Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS501 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS9LPRS501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS501 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS9LPRS501 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1121F—02/23/09
Advance Information
ICS9LPRS501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR + INTEGRATED SERIES RESISTOR
10
MLF Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
49
GNDSRC
PWR Ground for SRC clocks
50
SRCC7/CR#_E
I/O
SRC7 complement or Clock Request control E for SRC6 pair
The power-up default is SRC7#, but this pin may also be used as a Clock Request control of SRC6 via
SMBus. Before configuring this pin as a Clock Request Pin, the SRC7 output pair must first be disabled
in byte 3, bit 3 of SMBus configuration space . After the SRC output is disabled (high-Z), the pin can
then be set to serve as a Clock Request for SRC6 pair using byte 6, bit 7 of SMBus configuration space
Byte 6, bit 7
0 = SRC7# enabled (default)
1= CR#_E controls SRC6.
51
SRCT7/CR#_F
I/O
SRC7 true or Clock Request control 8 for SRC8 pair
The power-up default is SRC7, but this pin may also be used as a Clock Request control of SRC8 via
SMBus. Before configuring this pin as a Clock Request Pin, the SRC7 output pair must first be disabled
in byte 3, bit 3 of SMBus configuration space After the SRC output is disabled (high-Z), the pin can then
be set to serve as a Clock Request for SRC8 pair using byte 6, bit 6 of SMBus configuration space
Byte 6, bit 6
0 = SRC7# enabled (default)
1 = CR#_F controls SRC8.
52
VDDSRC_IO
PWR Power supply for SRC outputs. VDDSRC_IO is 1.05 to 3.3V with +/-5% tolerance
53
CPUC2_ITP/SRCC8
OUT
Complement clock of low power differential CPU2/Complement clock of differential SRC pair. The
function of this pin is determined by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The
function is as follows:
Pin 7 latched input Value
0 = SRC8#
1 = ITP#
54
CPUT2_ITP/SRCT8
OUT
True clock of low power differential CPU2/True clock of differential SRC pair. The function of this pin is
determined by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8
1 = ITP
55
NC
N/A
No Connect
56
VDDCPU_IO
PWR Supply for CPU outputs. VDDCPU_IO is 1.05 to 3.3V with +/-5% tolerance
57
CPUC1_F
OUT
Complement clock of low power differenatial CPU clock pair. This clock will be free-running during
iAMT.
58
CPUT1_F
OUT
True clock of low power differential CPU clock pair. This clock will be free-running during iAMT.
59
GNDCPU
PWR Ground Pin for CPU Outputs
60
CPUC0
OUT
Complement clock of low power differential CPU clock pair.
61
CPUT0
OUT
True clock of low power differential CPU clock pair.
62
VDDCPU
PWR Power Supply 3.3V nominal.
63
CK_PWRGD/PD#
IN
Notifies CK505 to sample latched inputs, or iAMT entry/exit, or PWRDWN# mode
64
FSLB/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and
Vih_FS values. TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while
in test mode. Refer to Test Clarification Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com