Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC144EM Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # DTC144EM
Description  NPN Digital Transistors (Built-in Resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTC144EM Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  DTC144EM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTC144EM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH DTC144EM Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
DTC144EE / DTC144EUA
DTC144ECA / DTC144ESA / DTC144EM
NPN Digital Transistors (Built-in Resistors)
28-Oct-2011 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VI(off)
0.5
-
-
VCC=5V, IO=100
µA
Input voltage
VI(on)
-
-
3
V
VO=0.3V, IO=2mA
Output voltage
VO(on)
-
-
0.3
V
IO/II=10mA/0.5mA
Input current
II
-
-
0.18
mA
VI=5V
Output current
IO(off)
-
-
0.5
µA V
CC=50V, VI=0
DC current gain
GI
68
-
-
VO=5V, IO=5mA
Input resistance
R1
32.9
47
61.1
K
Resistance ratio
R2/R1
0.8
1
1.2
Transition frequency
fT
-
250
-
MHz
VO=10V, IO=5mA,
f=100MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com