Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S79L15-B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S79L15-B
Description  3-Terminal Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S79L15-B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S79L15-B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S79L15-B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S79L15-B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S79L15-B Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S79L15-B Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
S79Lxx Series
3-Terminal
Negative Voltage Regulator
26-Sep-2011 Rev. B
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen or lead -free
DESCRIPTION
The S79L05 series of three-terminal negative regulators
are available in the TO-92 package. They can provide
local on card-regulation, eliminating the distribution
problems associated with single point regulation; furthermore,
having the same voltage options as the SM79L05
positive standard series, they are particularly suited for
split power supplies. If adequate heat sinking is provided,
the S79Lxx series can deliver an output current in
excess of 100mA although designed primarily as fixed
voltage regulators, these devices can be used with external
components to obtain adjustable voltage and currents.
APPLICATION
Note:
Bypass capacitors are recommended for optimum stability and transient
response and should be located as close as Possible to the regulators
MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
5V~9V
-30
Input Voltage
12V~15V
VIN
-35
V
Output Current
IO
100
mA
Operating Junction Temperature Range
TJ
0~125
Storage Temperature Range
TSTG
-55~150
°C
Power Dissipation
PD
625
mW
TO-92
A
C
E
F
D
G
H
J
B
Emitter
Base
Collector
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
-
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56
K
0.36
0.76


Similar Part No. - S79L15-B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S79L15 SECOS-S79L15 Datasheet
442Kb / 2P
Negative Voltage Regulator
More results

Similar Description - S79L15-B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
3-Terminal Negative Voltage Regulator
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
3-Terminal Negative Voltage Regulator
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
New Japan Radio
NJM7918FA NJRC-NJM7918FA Datasheet
427Kb / 8P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com