Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDN520C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SDN520C
Description  N-Ch: 4.5 A, 20 V, RDS(ON) 58 m P-Ch: -4.5 A, -20 V, RDS(ON) 112 m N & P-Channel Enhancement Mode MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDN520C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SDN520C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDN520C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDN520C
N-Ch: 4.5 A, 20 V, RDS(ON) 58 mΩ
Ω
Ω
Ω
P-Ch: -4.5 A, -20 V, RDS(ON) 112 mΩ
Ω
Ω
Ω
N & P-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
4-Jul-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a
high cell Density trench process to provide low RDS(on)
and to assures minimal power loss and heat dissipation.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Low thermal impedance copper leadframe DFN2X2_6L
saves board space.
Fast switching speed.
High performance trench technology.
APPLICATION
DC-DC converters and power management
in portable and battery-powered products such
as computers, printers, PCMCIA cards, cellular
and cordless telephones.
ABSOLUTE MAXIMUM RATINGS(TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
N-Channel
P-Channel
Drain-Source Voltage
VDS
20
-20
V
Gate-Source Voltage
VGS
±8
±8
V
Continuous Drain Current
1
TA=25℃
℃
℃
℃
ID
4.5
-4.5
A
TA=70℃
℃
℃
℃
4.5
-4.5
Pulsed Drain Current
2
IDM
8
-8
A
Continuous Source Current (Diode Conduction)
1
IS
4.5
-4.5
A
Power Dissipation
1
TA=25℃
℃
℃
℃
PD
6.5
W
TA=70℃
℃
℃
℃
5
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 ~ +150
℃
℃
℃
℃
Thermal Resistance Rating
Parameter
Symbol
Typ
Max
Unit
Maximum Junction to Ambient
1
t ≦ 5 sec
RθJA
52
65
℃
℃
℃
℃ / W
Steady State
12.5
16
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
DFN2x2-6L
REF.
Millimeter
REF.
Millimeter
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.00 BSC.
G
0.23
0.30
0.38
B
2.00 BSC.
H
0.65BSC
-
C
0.675
0.75
0.80
J
0
-
0.05
D
0.25
0.30
0.35
K
0.15
0.20
0.25
E
0.81
0.86
0.91
L
0.25
0.30
0.35
F
0.65BSC
P
0.60
0.65
0.70
TOP VIEW


Similar Part No. - SDN520C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN5-24-100C ETC-SDN5-24-100C Datasheet
405Kb / 7P
SDN-C Compact DIN Rail Series
SDN5-24-100P ETC2-SDN5-24-100P Datasheet
929Kb / 6P
SDN-P DIN Rail Series
logo
Emerson Network Power
SDN5-24-100P EMERSON-NETWORKPOWER-SDN5-24-100P Datasheet
429Kb / 5P
SDN-P™ DIN Rail Series
logo
Emerson Electric Co. Al...
SDN5-24-100P SOLAHD-SDN5-24-100P Datasheet
391Kb / 6P
Power Supplies
SDN5-24-480 SOLAHD-SDN5-24-480 Datasheet
391Kb / 6P
Power Supplies
More results

Similar Description - SDN520C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4502CE SECOS-SSG4502CE Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET N-Ch: 10.0 A, 30 V, RDS(ON) 16 m P-Ch: -8.5A, -30 V, RDS(ON) 23 m
SSG4512CE SECOS-SSG4512CE Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET N-Ch: 6.9 A, 30 V, RDS(ON) 31 m P-Ch: -5.2 A, -30 V, RDS(ON) 52 m
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
SSG9435BDY SECOS-SSG9435BDY Datasheet
616Kb / 4P
-5.3 A, -30 V, RDS(ON) 36 m P-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE Datasheet
538Kb / 4P
8.2 A , 20 V , RDS(ON) 17.5 m N-Ch Enhancement Mode Power MOSFET
SSPS7330N SECOS-SSPS7330N Datasheet
612Kb / 4P
11 A , 30 V, RDS(ON) 22 m N-Ch Enhancement Mode Power MOSFET
SSPS7331P SECOS-SSPS7331P Datasheet
596Kb / 4P
-13.4 A , -30 V , RDS(ON) 13 m P-Ch Enhancement Mode Power MOSFET
SSPS7332N SECOS-SSPS7332N Datasheet
590Kb / 4P
짹17 A , 30 V , RDS(ON) 13.5 m N-Ch Enhancement Mode Power MOSFET
SSPS7333P SECOS-SSPS7333P Datasheet
124Kb / 2P
-10.9 A , -30 V , RDS(ON) 20 m P-Ch Enhancement Mode Power MOSFET
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com