Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2020D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM2020D
Description  Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM2020D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM2020D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM2020D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM2020D~SM20100D
Voltage 20V~ 100V
20.0 Amp Schottky Barrier Rectifiers
02-Mar-2012 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
D
P
O
G E
F
H
K
L
J
M
N
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 1.6 grams
PACKAGE INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SM2020D
SM2040D
SM2060D
SM20100D
Unit
Maximum Repetitive Peak Reverse
Voltage
VRRM
20
40
60
100
V
Maximum RMS Voltage
VRMS
20
40
60
100
V
Maximum DC Blocking Voltage
VDC
20
40
60
100
V
Maximum Average Forward Rectified
Current
IF
20
A
Peak Forward Surge Current, 8.3 ms
single half sine-wave superimposed
on rated load
IFSM
200
A
Maximum Instantaneous Forward
Voltage @ 10A
VF
0.57
0.68
0.85
V
TA=25°C
0.3
0.15
0.1
Maximum Reverse
Current at Rated VR Per
Diode
TA=100°C
IR
45
22.5
7.5
mA
Typical Junction Capacitance
1
CJ
700
460
280
pF
Typical Thermal Resistance
2
RθJc
3
°C / W
Operating & Storage Temperature
TJ ,TSTG
-55~150, -65~175
°C
Notes:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Case.
Package
MPQ
Leader Size
TO-263
0.8K
13 inch
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
9.50
10.50
H
1.50 REF.
C
4.30
4.80
J
2.54 TYP.
D
1.17
1.45
K
-
-
E
9.50
10.50
L
0.71
1.00
F
4.33
5.93
M
1.17
1.47
G
8.50
9.00
P
0.31
0.53
TO-263(D
2-PACK)


Similar Part No. - SM2020D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM2020D SECOS-SM2020D Datasheet
62Kb / 2P
20.0 AMP Surface Mount Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_15 Datasheet
304Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SM2020D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR2045F SECOS-SBR2045F Datasheet
173Kb / 2P
VOLTAGE 45V 20.0 Amp Schottky Barrier Rectifiers
SCD52 SECOS-SCD52 Datasheet
469Kb / 2P
VOLTAGE 20V ~ 100V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SR220 SECOS-SR220 Datasheet
102Kb / 2P
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
SBL20H100RF SECOS-SBL20H100RF Datasheet
309Kb / 2P
VOLTAGE 100V 20.0 Amp Low VF Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060_11 Datasheet
288Kb / 2P
Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SP2060 SECOS-SP2060_11 Datasheet
331Kb / 2P
Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R_11 Datasheet
311Kb / 2P
Voltage 100V 20.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com