Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS110 Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # SS110
Description  1 Amp Schottky Rectifier 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

SS110 Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  SS110 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. SS110 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
SS13,SS14
SS15-SS16
Average Forward Rectified Current - Amperes versus
Ambient Temperature -
°C
Figure 2
0
175
50
75
100
125
0
.2
.4
.6
Amps
°C
150
.8
1.0
1.2
1
100
4
0
10
5
20
30
8
Figure 3
Amps
2
6
10 20
60 80
40
40
50
60
SS12
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Cycles
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Peak Forward Surge Current
Forward Derating Curve
SS12 THRU SS110
2 
Date:2011/05
www.htsemi.com
semiconductor
JinYu



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com