Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM2V2 Datasheet(PDF) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # ZMM2V2
Description  SILICON PLANAR ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

ZMM2V2 Datasheet(HTML) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  ZMM2V2 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V2 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V2 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V2 Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V2 Datasheet HTML 5Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V2 Datasheet HTML 6Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V2 Datasheet HTML 7Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM2V2 Datasheet HTML 8Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Forward characteristics
mA
i F
VF
10
10
10
1
10
10
10
10
10
0
0.2
0.4
0.6
0.8
1 V
3
2
-1
-2
-3
-4
-5
Tj=100 C
o
Tj=25 C
o
Admissible power dissipation
versus ambient temperature
Valid provided that electrodes are kept
at ambient temperature.
ZMM...
ZMM...
500
400
300
200
100
0
0
100
200 C
Tamb
Ptot
mW
o
ZMM 51
Test current Iz
5mA
0
10
0
2
6
4
8
Iz
20
30
40
50
60
Vz
80
70
90
100 V
ZMM 43
Breakdown characteristics
Tj = constant (pulsed)
mA
10
Tj=25 C
o
ZMM 39
ZMM 47
ZMM...
4
Date:2011/05
www.htsemi.com
semiconductor
JinYu
ZMM 1...ZMM200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com