Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5463 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS5463_11 Datasheet HTML 37Page - Cirrus Logic CS5463_11 Datasheet HTML 38Page - Cirrus Logic CS5463_11 Datasheet HTML 39Page - Cirrus Logic CS5463_11 Datasheet HTML 40Page - Cirrus Logic CS5463_11 Datasheet HTML 41Page - Cirrus Logic CS5463_11 Datasheet HTML 42Page - Cirrus Logic CS5463_11 Datasheet HTML 43Page - Cirrus Logic CS5463_11 Datasheet HTML 44Page - Cirrus Logic CS5463_11 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
CS5463
DS678F3
41
9. BASIC APPLICATION CIRCUITS
Figure 18 shows the CS5463 configured to measure
power in a single-phase, 2-wire system while operating
in a single-supply configuration. In this diagram, a shunt
resistor is used to sense the line current and a voltage
divider is used to sense the line voltage. In this type of
shunt-resistor configuration, the common-mode level of
the CS5463 must be referenced to the line side of the
power line. This means that the common-mode poten-
tial of the CS5463 will track the high-voltage levels, as
well as low-voltage levels, with respect to earth ground.
Isolation circuitry is required when an earth-ground-ref-
erenced communication interface is connected.
Figure 19 shows the same single-phase, two-wire sys-
tem with complete isolation from the power lines. This
isolation is achieved using three transformers: a general
purpose transformer to supply the on-board DC power;
a high-precision, low-impedance voltage transformer,
with very little roll-off/phase-delay, to measure voltage;
and a current transformer to sense the line current.
Figure 20 shows a single-phase, 3-wire system. In
many 3-wire residential power systems within the Unit-
ed States, only the two line terminals are available (neu-
tral is not available). Figure 21 shows the CS5463
configured to meter a three-wire system with no neutral
available.
VA+
VD+
CS5463
0.1 µF
470 µF
500 
470 nF
500
N
R1
R2
10 
14
VIN+
9
VIN-
IIN-
10
15
16
IIN+
PFMON
CPUCLK
XOUT
XIN
Optional
Clock
Source
Serial
Data
Interface
RESET
17
2
1
24
19
CS
7
SDI
23
SDO
6
SCLK
5
INT
20
E1
0.1 µF
VREFIN
12
VREFOUT
11
AGND
DGND
13
4
3
4.096 MHz
0.1 µF
10 k
5k
L
R
Shunt
R
V-
R
I-
R
I+
120 VAC
Mech. Counter
Stepper Motor
or
22
21
C
I-
C
I+
C
Idiff
CV-
CV+
CVdiff
E2
Note:
Indicates common (floating) return.
Figure 18. Typical Connection Diagram (Single-phase, 2-wire – Direct Connect to Power Line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com