Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF12PUR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STEF12PUR
Description  Electronic fuse for 12 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12PUR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STEF12PUR Datasheet HTML 10Page - STMicroelectronics STEF12PUR Datasheet HTML 11Page - STMicroelectronics STEF12PUR Datasheet HTML 12Page - STMicroelectronics STEF12PUR Datasheet HTML 13Page - STMicroelectronics STEF12PUR Datasheet HTML 14Page - STMicroelectronics STEF12PUR Datasheet HTML 15Page - STMicroelectronics STEF12PUR Datasheet HTML 16Page - STMicroelectronics STEF12PUR Datasheet HTML 17Page - STMicroelectronics STEF12PUR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Typical performance characteristics
STEF12
14/20
Doc ID 019056 Rev 3
Figure 19.
Thermal latch from 2 A load to
short-circuit
Figure 20.
Startup into output short-circuit
(fast rise)
VCC = 12 V, RLIMIT = 22 Ω, VOUT = Connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com