Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA604 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BA604
Description  Small Signal Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA604 Datasheet(HTML) 2 Page - Vishay Siliconix

  BA604 Datasheet HTML 1Page - Vishay Siliconix BA604 Datasheet HTML 2Page - Vishay Siliconix BA604 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 85528
Rev. 1.8, 01-Sep-10
BA604
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in millimeters (inches): MiniMELF SOD-80
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 50 mA
VF
1100
mV
Reverse current
VR = 50 V
IR
1µA
VR = 20 V
IR
50
nA
VR = 20 V, Tj = 150 °C
IR
50
µA
Breakdown voltage
IR = 100 µA
V(BR)
80
V
Reverse recovery time
IF = 10 mA, IR = 10 mA,
iR = 1 mA
trr
20
ns
Diode capacitance
VR = 0, f = 1 MHz
CD
4pF
Cathode indification
0.47 (0.019) max.
2.5 (0.098) max.
1.25 (0.49) min.
3.7 (0.146)
3.3 (0.130)
5 (0.197) ref.
Foot print recommendation:
*
* The gap between plug and glass can
be either on cathode or anode side
Document no.:6.560-5005.01-4
Rev. 8 - Date: 07.June.2006
96 12070



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com