Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS19-V Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAS19-V
Description  Small Signal Switching Diodes, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS19-V Datasheet(HTML) 3 Page - Vishay Siliconix

  BAS19-V Datasheet HTML 1Page - Vishay Siliconix BAS19-V Datasheet HTML 2Page - Vishay Siliconix BAS19-V Datasheet HTML 3Page - Vishay Siliconix BAS19-V Datasheet HTML 4Page - Vishay Siliconix BAS19-V Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS19-V, BAS20-V, BAS21-V
Document Number 85540
Rev. 1.7, 10-Nov-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Test Circuit and Waveforms
Layout for RthJA test
Thickness:
Fiberglass 1.5 mm (0.059 in.)
Copper leads 0.3 mm (0.012 in.)
Test circuit
Input Signal
- total pulse duration
tp(tot)=2 µs
- duty factor
δ = 0.0025
-rise time of reverse pulse
tr = 0.6ns
-reverse pulse duration
tp = 100ns
Oscilloscope
- rise time
tr = 0.35ns
- cicuit capitance*
C < 1pF
*C= oscilloscope input capactitance + parasitic capacitance
Waveforms; IR =3m A
Input signal
Output signal
Ω
18098
Ω
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com