Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL5222 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # DL5222
Description  500 mW Zener Diode 2.4 to 47 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

DL5222 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  DL5222 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd DL5222 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART
NUMBER
NOMINAL ZENER
VOLTAGE VZ @ IZT
TEST
CURRENT IZT
MAXIMUM ZENER IMPEDANCE
‘B’ SUFFIX ONLY
ZZT @ IZT
ZZK @IZK = 0.25mA
MAXIMUM REVERSE
LEAKAGE CURRENT
IR
@
VR
MAX. ZENER VOLTAGE
TEMP COEFFICIENT ‘B’
SUFFIX ONLY
VOLTS
mA
OHMS
OHMS
µA
VOLTS
% /
°C
DL5221
2.4
20
30
1200
100
1.0
-0.085
DL5222
2.5
20
30
1250
100
1.0
-0.085
DL5223
2.7
20
30
1300
75
1.0
-0.080
DL5224
2.8
20
30
1400
75
1.0
-0.080
DL5225
3.0
20
29
1600
50
1.0
-0.075
DL5226
3.3
20
28
1600
25
1.0
-0.070
DL5227
3.6
20
24
1700
15
1.0
-0.065
DL5228
3.9
20
23
1900
10
1.0
-0.060
DL5229
4.3
20
22
2000
5.0
1.0
±0.055
DL5230
4.7
20
19
1900
5.0
2.0
±0.030
DL5231
5.1
20
17
1600
5.0
2.0
±0.030
DL5232
5.6
20
11
1600
5.0
3.0
+0.038
DL5233
6.0
20
7.0
1600
5.0
3.5
+0.038
DL5234
6.2
20
7.0
1000
5.0
4.0
+0.045
DL5235
6.8
20
5.0
750
3.0
5.0
+0.050
DL5236
7.5
20
6.0
500
3.0
6.0
+0.058
DL5237
8.2
20
8.0
500
3.0
6.5
+0.062
DL5238
8.7
20
8.0
600
3.0
6.5
+0.065
DL5239
9.1
20
10
600
3.0
7.0
+0.068
DL5240
10
20
17
600
3.0
8.0
+0.075
DL5241
11
20
22
600
2.0
8.4
+0.076
DL5242
12
20
30
600
1.0
9.1
+0.077
DL5243
13
9.5
13
600
0.5
9.9
+0.079
DL5244
14
9.0
15
600
0.1
10
+0.082
DL5245
15
8.5
16
600
0.1
11
+0.082
DL5246
16
7.8
17
600
0.1
12
+0.083
DL5247
17
7.4
19
600
0.1
13
+0.084
DL5248
18
7.0
21
600
0.1
14
+0.085
DL5249
19
6.6
23
600
0.1
14
+0.086
DL5250
20
6.2
25
600
0.1
15
+0.086
DL5251
22
5.6
29
600
0.1
17
+0.087
DL5252
24
5.2
33
600
0.1
18
+0.088
DL5253
25
5.0
35
600
0.1
19
+0.089
DL5254
27
4.6
41
600
0.1
21
+0.090
DL5255
28
4.5
44
600
0.1
21
+0.091
DL5256
30
4.2
49
600
0.1
23
+0.091
DL5257
33
3.8
58
700
0.1
25
+0.092
DL5258
36
3.4
70
700
0.1
27
+0.093
DL5259
39
3.2
80
800
0.1
30
+0.094
DL5260
43
3.0
93
900
0.1
33
+0.095
DL5261
47
2.7
105
1000
0.1
36
+0.095
NOTE 1: Table as shown lists type numbers, which indicate a tolerance of ±20% with guaranteed limits on only Vz, IR, and VF. Devices with
guaranteed limits on all six parameters are indicated by suffix “A” for ±10%, “B” for ±5%, “C” for ±2%, and “D” for ±1% tolerance
NOTE 2: The electrical characteristics are measured after allowing the device to stabilize for 20 seconds.
NOTE 3: Temperature coefficient (áVZ). Test conditions for temperature coefficient are as follows:
a.
IZT = 7.5mA, TI = 25oC T2 = 125oC (DL5221 thru DL5242)
b.
IZT = Rated IZT, TI = 25oC, T2 = 125oC (DL5243 thru DL5261)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
DL5221 thru DL5261



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com