Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC143TKA Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # DTC143TKA
Description  Digital transistors (built-in resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

DTC143TKA Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  DTC143TKA Datasheet HTML 1Page - Tiger Electronic Co.,Ltd DTC143TKA Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Collector-base breakdown voltage
V(BR)CBO
50
V
Ic=50µA
Collector-emitter breakdown voltage
V(BR)CEO
50
V
Ic=1mA
Emitter-base breakdown voltage
V(BR)EBO
5
V
IE=50µA
Collector cut-off current
ICBO
0.5
µA
VCB=50V
Emitter cut-off current
IEBO
0.5
µA
VEB=4V
Collector-emitter saturation voltage
VCE(sat)
0.3
V
IC=5mA,IB=0.25mA
DC current transfer ratio
hFE
100
600
VCE=5V,IC=1mA
Input resistance
R1
3.29
4.7
6.11
KΩ
Transition frequency
fT
250
MHz
VO=10V ,IO=5mA,f=100MHz
Absolute maximum ratings(Ta=25
℃)
Parameter
Symbol
Limits (DTC143T
□ )
Unit
M
E
UA
CA
KA
SA
Collector-base voltage
V(BR)CBO
50
V
Collector-emitter voltage
V(BR)CEO
50
V
Emitter-base voltage
V(BR)EBO
5
V
Collector current
IC
100
mA
Collector Power dissipation
PC
100
150
200
300
mW
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-55~150
℃
A,Jun,2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com