Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03P4M Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 03P4M
Description  Plastic Silicon Controlled Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

03P4M Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  03P4M Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Typ
Unit
Repetitive peak off-state
voltages
V
DRM
V
RRM
400
V
Average on-state current
I
T(AV)
0.3
A
RMS on-state current
I
T(RMS)
0.47
A
Non-repetitive peak
on-state current
I
TSM
8.0
A
Max. Operating Junction
Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
03P4M
GENERAL DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repetitive peak off-state voltages
V
DRM
V
RRM
400
—
—
V
Average on-state current
I
T(AV)
half sine wave; T
mb< 103
oC
—
0.3
—
A
RMS on-state current
I
T(RMS)
all conduction angles
—
0.47
—
A
On-state voltage
V
T
I
T=4.0 A
—
—
2.5
V
Holding current
I
H
V
DM =24 V; ITM = 4.0A
—
—
5
mA
Latching current
I
L
V
D =6.0 V; IGT = 20 mA
—
0.6
6
mA
Gate trigger current
I
GT
V
D =6.0 V; RL= 100Ω
—
15
200
uA
Gate trigger voltage
V
GT
V
D =6.0 V; RL= 100Ω
—
0.5
0.8
V
Plastic Silicon Controlled Rectifiers
PNPN devices designed for high volume, linepowered consumer
applications such as relay and lamp drivers, small motor controls,
gate drivers for larger thyristors, and sensing and detection circuits.
Supplied in an inexpensive plastic TO-92 package which isreladily
adaptable for use in automatic insertion equipment.
Product specification
TO-92
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 03P4M

ManufacturerPart #DatasheetDescription
logo
NEC
03P4M NEC-03P4M Datasheet
462Kb / 4P
0.47 A(R.M.S.)ALL DIFFUSED MOLD TYPE SCR
03P4MG NEC-03P4MG Datasheet
155Kb / 6P
300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR
logo
Kersemi Electronic Co.,...
03P4MG KERSEMI-03P4MG Datasheet
1Mb / 5P
Employs flame-retardant epoxy resin
logo
Renesas Technology Corp
03P4MG RENESAS-03P4MG Datasheet
320Kb / 8P
THYRISTORS
2002
More results

Similar Description - 03P4M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
Silicon Controlled Rectifiers
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
SILICON CONTROLLED RECTIFIERS
logo
SemiWell Semiconductor
SCP25C60 SEMIWELL-SCP25C60 Datasheet
636Kb / 5P
Silicon Controlled Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com