Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P4J Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 5P4J
Description  5A SMALL MOLD THYRISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

5P4J Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  5P4J Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Typ
Unit
Repetitive peak off-state
voltages
V
DRM
V
RRM
400
V
RMS on-state current
I
T(AV)
5.0
A
Non-repetitive peak
on-state current
I
TSM
65
A
Max. Operating Junction
Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
5P4J
GENERAL DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repetitive peak off-state voltages
V
DRM
V
RRM
400
—
—
V
RMS on-state current
I
T(AV)
full sine wave; T
mb ≤103
oC
—
5.0
—
A
On-state voltage
V
T
I
T=10A
—
—
1.6
V
Holding current
I
H
I
T=0.5A; IGT = 0.2mA
—
—
1.0
mA
Gate trigger current
I
GT
V
D = 6.0 V; RL = 100Ω
10
—
200
μA
Gate trigger voltage
V
GT
V
D = 6.0 V; RL = 100Ω
—
—
0.8
V
5A SMALL MOLD THYRISTOR
Passivated thyristors in a plastic envelope, intended for use in
applications requiring high bidirectional blocking voltage capability
and high thermal cycling performance. Typical applications include
motor control, industrial domestic lighting, heating and staticand
switching.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
TO-251
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 5P4J

ManufacturerPart #DatasheetDescription
logo
NEC
5P4J NEC-5P4J Datasheet
1Mb / 6P
5 A SMALL MOLD THYRISTOR
More results

Similar Description - 5P4J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG25AA ETC-SG25AA Datasheet
119Kb / 2P
THYRISTOR MODULE (ISOLATED MOLD TYPE)
logo
SanRex Corporation
SG16AA60 SANREX-SG16AA60 Datasheet
116Kb / 2P
THYRISTOR MODULE (ISOLATED MOLD TYPE)
logo
NEC
8P4J NEC-8P4J Datasheet
635Kb / 6P
8 A MOLD THYRISTOR
5P4J NEC-5P4J Datasheet
1Mb / 6P
5 A SMALL MOLD THYRISTOR
3P4J NEC-3P4J Datasheet
1Mb / 6P
3A MOLD THYRISTOR
logo
SanRex Corporation
SG25AA40 SANREX-SG25AA40 Datasheet
106Kb / 2P
THYRISTOR MODULE (ISOLATED MOLD TYPE)
logo
Rohm
KDZTR5.1B ROHM-KDZTR5.1B Datasheet
117Kb / 5P
Small power mold type.
KDZTR6.2B ROHM-KDZTR6.2B Datasheet
116Kb / 5P
Small power mold type.
KDZTR24B ROHM-KDZTR24B Datasheet
117Kb / 5P
Small power mold type.
logo
Renesas Technology Corp
CR5AS-8UE RENESAS-CR5AS-8UE Datasheet
485Kb / 7P
400V - 5A - Thyristor
May. 10, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com