Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KASMC26A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 5KASMC26A
Description  Surface Mount PAR® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

5KASMC26A Datasheet(HTML) 2 Page - Vishay Siliconix

  5KASMC26A Datasheet HTML 1Page - Vishay Siliconix 5KASMC26A Datasheet HTML 2Page - Vishay Siliconix 5KASMC26A Datasheet HTML 3Page - Vishay Siliconix 5KASMC26A Datasheet HTML 4Page - Vishay Siliconix 5KASMC26A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89432
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 23-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
5KASMC10A thru 5KASMC43A
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derated per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
Notes
(1) Mounted on minimum recommended pad layout
(2) Mounted on infinite heat sink
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR (μA)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
TJ = 150 °C
ID (μA)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
5KASMC10A
5AX
11.1
12.3
1.0
10
20.0
500
294.1
17.0
5KASMC12A
5BE
13.3
14.7
1.0
12
10.0
300
251.3
19.9
5KASMC13A
5BG
14.4
15.9
1.0
13
10.0
300
232.6
21.5
5KASMC16A
5BP
17.8
19.7
1.0
16
2.0
50
192.3
26.0
5KASMC17A
5BR
18.9
20.9
1.0
17
2.0
50
181.2
27.6
5KASMC18A
5BT
20.0
22.1
1.0
18
2.0
50
171.2
29.2
5KASMC20A
5BV
22.2
24.5
1.0
20
2.0
50
154.3
32.4
5KASMC22A
5BX
24.4
26.9
1.0
22
2.0
50
140.8
35.5
5KASMC24A
5BZ
26.7
29.5
1.0
24
2.0
50
128.5
38.9
5KASMC26A
5CE
28.9
31.9
1.0
26
2.0
50
118.8
42.1
5KASMC28A
5CG
31.1
34.4
1.0
28
2.0
50
110.1
45.4
5KASMC30A
5CK
33.3
36.8
1.0
30
2.0
50
103.3
48.4
5KASMC33A
5CM
36.7
40.6
1.0
33
2.0
50
93.8
53.3
5KASMC36A
5CP
40.0
44.2
1.0
36
2.0
50
86.1
58.1
5KASMC40A
5CR
44.4
49.1
1.0
40
2.0
50
77.5
64.5
5KASMC43A
5CT
47.8
52.8
1.0
43
2.0
50
72.0
69.4
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient
RJA (1)
100
°C/W
Typical thermal resistance, junction to mount
RJM (2)
20.8
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
5KASMC10AHM3/57 (1)
0.257
57
850
7" diameter plastic tape and reel
5KASMC10AHM3/9A (1)
0.257
9A
3500
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com