Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KASMC28A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 5KASMC28A
Description  Surface Mount PAR® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

5KASMC28A Datasheet(HTML) 3 Page - Vishay Siliconix

  5KASMC28A Datasheet HTML 1Page - Vishay Siliconix 5KASMC28A Datasheet HTML 2Page - Vishay Siliconix 5KASMC28A Datasheet HTML 3Page - Vishay Siliconix 5KASMC28A Datasheet HTML 4Page - Vishay Siliconix 5KASMC28A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 89432
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
5KASMC10A thru 5KASMC43A
Vishay General Semiconductor
New Product
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature
Fig. 3 - Pulse Waveform
Fig. 4 - Typical Junction Capacitance
Fig. 5 - Maximum Non-Repetitive/Peak Forward Surge Current
Fig. 6 - Power Derating Curve
1
10
100
110
100
1000
td - Pulse Width (µs)
0
25
50
75
100
0
50
100
150
200
TJ - Initial Temperature (°C)
0
50
100
150
t
r = 10 µs
t
r = 8 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
t
d
0
1.0
2.0
3.0
4.0
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
t
d = 1000 µs
t
d = 20 µs
100
10 000
1 000 000
10
20
30
40
50
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at
Zero Bias
Measured at
Stand-Off Voltage V
WM
1000
100 000
6.5
Temperature (°C)
0
150
100
0
200
50
175
125
75
25
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
T
A, Mounted on Minimum
Recommended Pad Layout
T
M, Mounted on
Infinite Heatsink
tp - Pulse Duration (s)
100
10
1
0.01
0.1
1
10
100
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com