Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1674 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # C1674
Description  TO-92 Plastic-Encapsulate Transistors (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

C1674 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  C1674 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd C1674 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Plastic-Encapsulate Transistors
2SC1674 TRANSISTOR (NPN)
FEATURES
High current gain bandwidth product fT=600MHz(Typ.),
High power gain GPE=22dB at f=100MHz
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current
20
mA
PC
Collector Power dissipation
250
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 100μA, IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA, IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100μA,IC=0
4
V
Collector cut-off current
ICBO
VCB= 30V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=3V, IC=0
0.1
μA
DC current gain
hFE
VCE=6 V, IC= 1mA
40
180
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB= 1mA
0.3
V
Base-emitter voltage
VBE(ON)
VCE=6V, IC= 1mA
0.65
0.77
V
Transition frequency
fT
VCE=6 V, IC= 1mA
400
MHz
Collector output capacitance
Cob
VCE=6V,IE=0, f =1MHz
1.3
pF
CLASSIFICATION OF hFE
Rank
Y
GR
BL
Range
40-80
60-120
90-180
1 2 3
TO-92
1.EMITTER
2 COLLECTOR
3. BASE
TIGER ELECTRONIC CO.,LTD


Similar Part No. - C1674

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
C1674 TEL-C1674 Datasheet
108Kb / 1P
TO-92 Plastic-Encapsulated Transistors
logo
NEC
C1674 NEC-C1674 Datasheet
298Kb / 4P
NPN SILICON TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
C1674 WINNERJOIN-C1674 Datasheet
147Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
C1674 FOSHAN-C1674 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
C1674 JIANGSU-C1674 Datasheet
405Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - C1674

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2N2222A TGS-2N2222A Datasheet
141Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
2SC945 TGS-2SC945 Datasheet
200Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
2SC2120 TGS-2SC2120 Datasheet
242Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
BC337 TGS-BC337 Datasheet
241Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
BC546 TGS-BC546 Datasheet
304Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
KTC3198 TGS-KTC3198 Datasheet
123Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
KTC3202 TGS-KTC3202 Datasheet
300Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
KTC3203 TGS-KTC3203 Datasheet
305Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
MJE13001 TGS-MJE13001 Datasheet
180Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
SS8050 TGS-SS8050 Datasheet
289Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com