Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2314 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SC2314
Description  27 MHz CB Transceiver Driver Applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SC2314 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SC2314 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-126
Parameter
l
Value
Unit
Collector-Base Voltage
V
CBO
75
V
Collector-Emitter Voltage
V
CEO
45
V
Emitter-Base Voltage
V
EBO
5.0
V
Collector Current
I
C
1.0
A
I
CP
1.5
A
Total Dissipation at
P
tot
5.0
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
2SC2314
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
I
CBO
V
CB=40V, IE=0
—
—
1.0
uA
Emitter Cut-off Current
I
EBO
V
EB=4.0V, IC=0
—
—
1.0
uA
Collector-Emitter Sustaining Voltage
V
CEO
I
C=1.0mA, IB=0
45
—
—
V
DC Current Gain
h
FE
V
CE=5V, IC=0.5A
60
—
320
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=0.5A,IB=50mA
—
—
0.6
V
Base-Emitter Saturation Voltage
V
BE(sat)
I
C=0.5A,IB=50mA
—
—
1.2
V
Current Gain Bandwidth Product
f
T
V
CE=10V,IC=50mA
180
—
—
MHz
Qutput Capacitance
C
ob
V
CB=10V,f=10MHz
25
pF
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
Product specification
27 MHz CB Transceiver Driver Applications
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
Hfe Classification: D=60~120 , E=100-200, F=160-320
EAST SEMICONDUCTOR CO., LTD
Phone: 86-510-83880883
Fax: 86-510-83883883
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SC2314

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications?
logo
Inchange Semiconductor ...
2SC2314 ISC-2SC2314 Datasheet
236Kb / 2P
isc Silicon NPN Power Transistor
logo
Foshan Blue Rocket Elec...
2SC2314 FOSHAN-2SC2314 Datasheet
1,021Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
logo
Jiangsu Changjiang Elec...
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
TO-126 Plastic-Encapsulate Transistors
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314 Datasheet
98Kb / 4P
27MHz CB Transceiver Driver Applications
More results

Similar Description - 2SC2314

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5124A NPC-SM5124A Datasheet
182Kb / 5P
CB Transceiver PLL
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications?
2SC4272 SANYO-2SC4272 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications
2SC4735 SANYO-2SC4735 Datasheet
91Kb / 3P
27MHz CB Transceiver Driver Applications
logo
KEC(Korea Electronics)
KTC1006 KEC-KTC1006 Datasheet
249Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (CB TRANSCEIVER TX DRIVER)
logo
Pericom Semiconductor C...
PI6CX100-27 PERICOM-PI6CX100-27 Datasheet
291Kb / 4P
27 MHz 3.3V VCXO for Set-Top Box Applications
logo
TAI-SAW TECHNOLOGY CO.,...
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
7.0x5.0 VCXO 27 MHz
logo
KR Electronics, Inc.
2919 KR-2919 Datasheet
49Kb / 2P
27 MHz Center Frequency
2940 KR-2940 Datasheet
69Kb / 3P
27 MHz Center Frequency
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314_19 Datasheet
98Kb / 4P
27MHz CB Transceiver Driver Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com