Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU406 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BU406
Description  NPN Epitaxial Silicon Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BU406 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BU406 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
400
V
Collector-Emitter Voltage
V
CEO
200
V
Emitter-Base Voltage
V
EBO
6
V
Collector Current
I
C
7.0
A
Base Current
I
B
4.0
A
Total Dissipation at
P
tot
60
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
BU406
High Voltage Switching
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
ICES
V
CE=400V, IE=0
5.0
mA
V
CE=250V, IE=0
0.1
Emitter Cut-off Current
IEBO
V
EB=6V, IC=0
1.0
mA
Collector-Emitter Sustaining Voltage
VCEO
I
C=50mA, IB=0
200
V
DC Current Gain
hFE(1)
V
CE=4V, IC=1.0A
10
Collector-Emitter Saturation Voltage
VCE(sat) I
C=5.0A,IB=0.5A
1.0
V
Base-Emitter Saturation Voltage
VBE(sat) I
C=5.0A,IB=0.5A
1.2
V
Current Gain Bandwidth Product
f
T
V
CE=10V, IC=0.5A
10
MHz
Turn Off Time
t
OFF
I
C=5A, IB=0.5A
0.75
us
NPN Epitaxial Silicon Transistor
Product specification
* Use In Horizontal Deflection Output Stage
Electrical Characteristics ( Ta = 25
)
Absolute Maximum Ratings ( Ta = 25
)
TO-220
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BU406

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
logo
Motorola, Inc
BU406 MOTOROLA-BU406 Datasheet
100Kb / 4P
7 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS
logo
Power Innovations Ltd
BU406 POINN-BU406 Datasheet
157Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406 Datasheet
67Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1997
logo
Wing Shing Computer Com...
BU406 WINGS-BU406 Datasheet
24Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(HIGH VOLTAGE SWITCHING USE IN HORIZONTAL DEFLECTION OUTPUT STAGE)
More results

Similar Description - BU406

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com