Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2508DF Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BU2508DF
Description  Silicon Diffused Power Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BU2508DF Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BU2508DF Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BU2508DF
GENERAL DESCRIPTION
Product specification
ABSOLUTE MAXIMUM RATINGS
Enhanced performance, new generation, high-voltage, high-speed switching npn transistor
with an integrated damper diode in a plastic full-pack envelope intended for use in horizontal
deflection circuits of colour television receivers. Features exceptional tolerance to base drive
and collector current load variations resulting in a very low worst case dissipation.
Silicon Diffused Power Transistor
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
1500
V
Collector-Emitter Voltage
VCEO
700
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
8.0
A
Base Current
IB
3.5
A
Total Dissipation at
Ptot
45
W
Max. Operating Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
-65~150
oC
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
ICES
VCB=1500V, IE=0
—
—
1.0
mA
Emitter Cut-off Current
IEBO
VEB=7.5V, IC=0
—
227
—
mA
Collector-Emitter Sustaining Voltage
VCEO
IC=100mA, IB=0
700
—
—
V
DC Current Gain
hFE(1)
VCE=5.0V, IC=1.0A
—
13
—
hFE(2)
VCE=1.0V, IC=4.5A
4
—
10
Collector-Emitter Saturation Voltage
VCE(sat)
IC=4.5A,IB=1.12A
—
—
1.0
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=4.5A,IB=1.7A
—
—
1.1
V
Diode forward voltage
VF
IF=4.5A
—
1.6
2.0
V
ELECTRICAL CHARACTERISTICS (Tcase = 25 ℃ unless otherwise specified)
TOP-3Fa
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BU2508DF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998 Rev 1.600
logo
Wing Shing Computer Com...
BU2508DF WINGS-BU2508DF Datasheet
78Kb / 1P
NPN TRIPLE DIFFUSE PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Inchange Semiconductor ...
BU2508DF ISC-BU2508DF Datasheet
157Kb / 3P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU2508DF SAVANTIC-BU2508DF Datasheet
118Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BU2508DF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com