Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1691M Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # CXA1691M
Description  FM/AM RADIO CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CXA1691M Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  CXA1691M Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 4Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 5Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 6Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 7Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 8Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CXA1691M
BLOCK DIAGRAM
AF POWER AMP
AF IF DET AGC
AM FE
FM Discrinminator
FM FE
Tuning Meter
FM IF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Mute FM
Discri
NF VOL AM
OSC
AFC
FM
OSC
Reg
OUT
FM
RF
AM
RF IN
NC FM
RF IN
FE
GND
FM/AM
FE OUT
Select
Band
FM/AM
AM
IF IN
IF IN
FM
NC
Meter
GND
IF
AGC
AFC
AGC
AFC
OUT
DET
IN
AF
GND OUT
AF
Vcc
Ripple
Filter
PIN CONFIGURATIONS
Voltage (V)
Vcc=3V
Vcc=6V
Pin
Symbol
Description
FM AM
FM AM
Equivalent circuit
1
MUTE
0
0
0
0
2
FM DISCRI
Phase-Shift circuit,
Connect ceramic
discriminator
2.18 2.70 4.88 5.43
1.2K
1K
2
3
NF
Negative feedback pin
1.5
1.5
3.0
3.0
27
AF OUT
Power amplifier
output pin
1.5
1.5
3.0
3.0
27
3
Vcc
*100
*100
GND
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com