Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM35GD120D2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BSM35GD120D2
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM35GD120D2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BSM35GD120D2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
5
Feb-10-1997
BSM 35 GD 120 D2
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 25 °C
0
1
2
3
V
5
V
CE
0
5
10
15
20
25
30
35
40
45
50
55
60
A
70
I
C
17V
15V
13V
11V
9V
7V
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 125 °C
0
1
2
3
V
5
V
CE
0
5
10
15
20
25
30
35
40
45
50
55
60
A
70
I
C
17V
15V
13V
11V
9V
7V
Typ. transfer characteristics
IC = f (VGE)
parameter:
tp = 80 µs, VCE = 20 V
0
2
4
6
8
10
V
14
V
GE
0
5
10
15
20
25
30
35
40
45
50
55
60
A
70
I
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com