Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3472FV Datasheet(PDF) 35 Page - Rohm

Part # BA3472FV
Description  High Speed with High Voltage Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472FV Datasheet(HTML) 35 Page - Rohm

Back Button BA3472FV Datasheet HTML 31Page - Rohm BA3472FV Datasheet HTML 32Page - Rohm BA3472FV Datasheet HTML 33Page - Rohm BA3472FV Datasheet HTML 34Page - Rohm BA3472FV Datasheet HTML 35Page - Rohm BA3472FV Datasheet HTML 36Page - Rohm BA3472FV Datasheet HTML 37Page - Rohm BA3472FV Datasheet HTML 38Page - Rohm BA3472FV Datasheet HTML 39Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
35/39
27.FEB.2012 Rev.001
TSZ22111・15・001
BA3472, BA3472R, BA3474, BA3474R
Derating curves
Power dissipation(total loss) indicates the power that can be consumed by IC at Ta=25℃(normal temperature). IC is heated
when it consumed power, and the temperature of IC chip becomes higher than ambient temperature. The temperature that
can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited.
Power dissipation is determined by the temperature allowed in IC chip (maximum junction temperature) and thermal
resistance of package (heat dissipation capability). The maximum junction temperature is typically equal to the maximum
value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin or lead
frame of the package. The parameter which indicates this heat dissipation capability(hardness of heat release)is called
thermal resistance, represented by the symbol θja[℃/W].The temperature of IC inside the package can be estimated by this
thermal resistance. Fig.98 (a) shows the model of thermal resistance of the package. Thermal resistance θja, ambient
temperature Ta, junction temperature Tj, and power dissipation Pd can be calculated by the equation below:
θja = (Tj-Ta) / Pd
[℃/W]
・・・・・
(Ⅰ)
Derating curve in Fig.98 (b) indicates power that can be consumed by IC with reference to ambient temperature. Power that
can be consumed by IC begins to attenuate at certain ambient temperature. This gradient iis determined by thermal
resistance θja. Thermal resistance θja depends on chip size, power consumption, package, ambient temperature, package
condition, wind velocity, etc even when the same of package is used. Thermal reduction curve indicates a reference value
measured at a specified condition. Fig.99(c) ~ (f) shows a derating curve for an example of BA3472, BA3474, BA3472R,
BA3474R.
(*10)
(*11)
(*12)
(*13)
(*14)
(*15)
(*16)
(*17)
(*18)
(*19)
Unit
6.2
5.5
4.7
7.0
4.9
5.0
5.7
7.5
9.5
13.5
[mW/℃]
When using the unit above Ta=25[℃], subtract the value above per degree[℃].
(*10) (*11) (*12) (*13) (*14) Mounted on a glass epoxy 1 layers PCB 70[mm]×70[mm]×1.6[mm] (occupied copper area:below 3[%]).
(*15) Mounted on a glass epoxy 2 layers PCB 70[mm]×70[mm]×1.6[mm] (occupied copper area:15mm×15mm).
(*16) (*18) Mounted on a glass epoxy 2 layers PCB 70[mm]×70[mm]×1.6[mm] (occupied copper area:70mm×70mm).
(*17) (*19) Mounted on a glass epoxy 4 layers PCB 70[mm]×70[mm]×1.6[mm] (occupied copper area:70mm×70mm).
Fig. 99 Derating curve
Fig. 98 Thermal resistance and derating curve
(a) Thermal resistance
(b) Derating curve
周囲温度 Ta [℃]
チップ 表面温度 Tj [℃]
消費電力 P [W]
θja = ( Tj ーTa ) / Pd [℃/W]
Ambient temperature
Chip surface temperature
0
50
75
100
125
150
25
P1
P2
Pd (max)
LSIの消費電力 [W]
θ' ja2
θ' ja1
Tj ' (max)
θja2 < θja1
周囲 温度 Ta [℃ ]
θ ja2
θ ja1
Tj (max)
Ambient temperature
Power dissipation of LSI
Power dissipation Pd [W]
0
200
400
600
800
1000
0
25
50
75
100
125
周囲温度 [℃]
0
200
400
600
800
1000
1200
1400
1600
1800
0
25
50
75
100
125
周囲温度 Ta [℃]
(e)BA3472R
(f)BA3474R
BA3472RFVM
590mW(*12)
BA3474RFV
105
105
870mW(*13)
625mW(*15)
713mW(*16)
937mW(*17)
1187mW(*18)
1689mW(*19)
0
200
400
600
800
1000
0
25
50
75
100
125
周囲温度 Ta [℃]
0
200
400
600
800
1000
0
25
50
75
100
125
周囲温度 Ta [℃]
(c)BA3472
870mW(*13)
590mW(*12)
BA3472FVM
BA3472F
BA3472FV
(d)BA3474
780mW(*10)
690mW(*11)
610mW(*14)
BA3474F
BA3474FV
85
85
Ambient Temperature: Ta [℃]
Ambient Temperature: Ta [℃]
Ambient Temperature: Ta [℃]
Ambient Temperature: Ta [℃]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com