Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317L Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # LM317L
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM317L Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  LM317L Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM317
3/14
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Characteristic
Symbol
Min.
Max.
Unit
Input-Output Vo ltage Diff erential
Vi/Ao
-0.3
40
V
Power Dissipation
P D
-
Internally
Limited
W
Operating Junction Temp erature Range
Tj
-25
125
°C
Lead Temp erature (Soldering, 4 seconds)
T L
-
250
°C
Storage Temp erature Range
Ts tg
-55
150
°C
ELECTRI CAL CH ARACTERISTICS (unless otherwise specified: Vi-Vo=5.0V;
Io=40mA; Tj=0~125
°C; Imax=100mA and Pmax=625mW )
Characteristics
Test conditions
Sy mbol Min.
Ty p.
Max.
Unit
Line Regulation
Tj=25 ℃ , I L ≤ 20mA
3V ≤ (V IN -V OUT ) ≤ 40V
Regline
-
0.01
0.05
% /V
Load Regulation
Tj=25 ℃ , 5mA ≤ I OUT ≤ I MAX Regload
-
0.1
0.5
%
Adjustment
Pin
Current
-
Iadj
-
50
100
μ A
Adjustment
Pin
Current Change
5mA ≤ I L ≤ 100mA
3V ≤ (V IN -V OUT ) ≤ 40V,
P ≤ 625mW
∆ Iadj
-
0.2
6
μ A
Reference Vo ltage
3V ≤ (V IN -V OUT ) ≤ 40V,
5mA ≤ I OUT ≤ 100mA,
P ≤ 625mW
Vr ef
1.15
1.25
1.35
V
Line Regulation
3V ≤ (V IN -V OU T ) ≤ 40V,I ≤
20mA
Regline
-
0.02
0.05
%/V
Load Regulation
5mA ≤ I OUT ≤ 100mA
Regload
-
0.3
1.2
%
Te mp erature
St ability
T MIN ≤ Tj ≤ T MAX
Ts
-
0.65
-
%
(V I N -V OUT ) ≤ 40V
-
3.5
17
Minimu m
Loa d
Current
3V ≤ (V IN -V OUT ) ≤ 15V
I L mi n
1.5
6
mA
3V ≤ (V IN -V OUT ) ≤ 13V
40
200
260
mA
Current Limit
(V IN -V OUT ) =40V
Imax
25
50
70
mA
Rms Noise % of Vo
Tj=25 ℃ , 10Hz ≤ f ≤ 10KHz
N
-
0.003
0.008
%
V OUT =10V, f=120Hz, C ADJ =0
65
80
Ripple Rejection
C ADJ =10 μ F
RR
66
80
dB
Long-Te rm
St ability
Tj=125 ℃ , 1000Hours
S
-
0.3
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com