Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317LF Datasheet(PDF) 8 Page - Tiger Electronic Co.,Ltd

Part # LM317LF
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM317LF Datasheet(HTML) 8 Page - Tiger Electronic Co.,Ltd

Back Button LM317LF Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM317LF Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM317LF Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM317LF Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM317LF Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM317LF Datasheet HTML 9Page - Tiger Electronic Co.,Ltd LM317LF Datasheet HTML 10Page - Tiger Electronic Co.,Ltd LM317LF Datasheet HTML 11Page - Tiger Electronic Co.,Ltd LM317LF Datasheet HTML 12Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LM317
8/14
*Minimum load current=2mA
100mA Current Regulator
1.2V~12V Regulator with
50mA constant Current
M i n i mu m P r o g r a m C u r r e n t
B a t t e r y C h a rg e r f o r
N i c k e l - C a d mi u m B a t t e r i e s
* M i n i mu m o u t p u t = 1 . 2 V
* S e t s p e a k c u r r e n t , I p e a k = 0 . 6 V / R 1
* * 1000 µ F is recom m e nded to filter out any input transients
5V Logic Regulator with Electronic Shutdown
Current Limited 6V Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com